Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS047 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LVDS047
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS047 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS047_07 Datasheet HTML 1Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 2Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 3Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 4Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 5Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 6Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 7Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 8Page - Texas Instruments SN65LVDS047_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
50
300 k
VCC
7 V
DIN or EN
Input
50
VCC
7 V
Output
10 k
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
SN65LVDS047
SLLS416B – JUNE 2000 – REVISED DECEMBER 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature (see (2) range (unless otherwise noted)
UNIT
(VCC)
Supply voltage
-0.3 V to 4 V
VI(DIN)
Input voltage range
-0.3 V to (VCC +0.3 V)
(EN, EN )
Enable input voltage
-0.3 V to (VCC +0.3 V)
VO(DOUT+,DOUT-)
Output voltage
-0.5 V to (VCC +0.5 V)
(DOUT+,DOUT-)
Bus-pin--electrostatic discharge, see (3)
>10 kV
(DOUT+,(DOUT-)
Short circuit duration
Continuous
Storage temperature range
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with MIL-STD-883C Method 3015.7.
DISSIPATION RATING TABLE
TA≤ 25°C
OPERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
D
950 mW
7.6 mW/°C
494 mW
PW
774 mW
6.2 mW/°C
402 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air
flow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
-40
25
85
°C
2
Submit Documentation Feedback


Similar Part No. - SN65LVDS047_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDS047_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com