Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2254AID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2254AID
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2254AID Datasheet(HTML) 1 Page - Texas Instruments

  TLC2254AID Datasheet HTML 1Page - Texas Instruments TLC2254AID Datasheet HTML 2Page - Texas Instruments TLC2254AID Datasheet HTML 3Page - Texas Instruments TLC2254AID Datasheet HTML 4Page - Texas Instruments TLC2254AID Datasheet HTML 5Page - Texas Instruments TLC2254AID Datasheet HTML 6Page - Texas Instruments TLC2254AID Datasheet HTML 7Page - Texas Instruments TLC2254AID Datasheet HTML 8Page - Texas Instruments TLC2254AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise . . . 19 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current ...1 pA Typ
D Fully Specified for Both Single-Supply and
Split-Supply Operation
D Very Low Power ...35 µA Per Channel Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D Low Input Offset Voltage
850
µV Max at TA = 25°C (TLC225xA)
D Macromodel Included
D Performance Upgrades for the TS27L2/L4
and TLC27L2/L4
D Available in Q–Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TLC2252 and TLC2254 are dual and
quadruple operational amplifiers from Texas
Instruments. Both devices exhibit rail-to-rail
output performance for increased dynamic range
in single- or split-supply applications. The
TLC225x family consumes only 35
µA of supply
current per channel. This micropower operation
makes them good choices for battery-powered
applications. The noise performance has been
dramatically improved over previous generations
of CMOS amplifiers. Looking at Figure 1, the
TLC225x has a noise level of 19 nV/
√Hz at 1kHz;
four times lower than competitive micropower
solutions.
The TLC225x amplifiers, exhibiting high input
impedance and low noise, are excellent for
small-signal conditioning for high-impedance
sources, such as piezoelectric transducers.
Because of the micropower dissipation levels,
these devices work well in hand-held monitoring
and remote-sensing applications. In addition, the
rail-to-rail output feature with single or split
supplies makes this family a great choice when interfacing with analog-to-digital converters (ADCs). For
precision applications, the TLC225xA family is available and has a maximum input offset voltage of 850
µV. This
family is fully characterized at 5 V and
±5 V.
The TLC2252/4 also makes great upgrades to the TLC27L2/L4 or TS27L2/L4 in standard designs. They offer
increased output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set
allows them to be used in a wider range of applications. For applications that require higher output drive and
wider input voltage ranges, see the TLV2432 and TLV2442 devices. If the design requires single amplifiers,
please see the TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23
package. Their small size and low power consumption, make them ideal for high density, battery-powered
equipment.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Advanced LinCMOS is a trademark of Texas Instruments.
Figure 1
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
40
20
10
0
60
30
50
101
10 2
10 3
10 4
VDD = 5 V
RS = 20 Ω
TA = 25°C
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC2254AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2254AID TI-TLC2254AID Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2254AID TI-TLC2254AID Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2254AID TI-TLC2254AID Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2254AID TI1-TLC2254AID Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2254AIDG4 TI-TLC2254AIDG4 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2254AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI1-TLC225X-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com