Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9863BCPRL-50 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9863BCPRL-50
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863BCPRL-50 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9863BCPRL-50 Datasheet HTML 4Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 5Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 6Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 7Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 8Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 9Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 10Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 11Page - Analog Devices AD9863BCPRL-50 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD9863
Rev. A| Page 8 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
SPI_DIO
1
SPI_CLK
2
SPI_SDO
3
ADC_LO_PWR
4
DVDD
5
DVSS
6
AVDD 7
IOUT–A
8
IOUT+A
9
AGND 10
REFIO 11
FSADJ 12
AGND 13
IOUT+B 14
IOUT–B 15
AVDD 16
CLKIN1
48
CLKIN2
47
RESET
46
L0
45
L1
44
L2
43
L3
42
L4
41
L5
40
L6
39
L7
38
L8
37
L9
36
L10
35
L11
34
IFACE1
33
AD9863
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Name1
Description2, 3
1
SPI_DIO
(Interp1)
SPI: Serial Port Data Input.
No SPI: Tx Interpolation Pin, MSB.
2
SPI_CLK
(Interp0)
SPI: Serial Port Shift Clock.
No SPI: Tx Interpolation Pin, LSB.
3
SPI_SDO
(FD/HD)
SPI: 4-Wire Serial Port Data Output.
No SPI: Configures Full-Duplex or Half-Duplex Mode.
4
ADC_LO_PWR
ADC Low Power Mode Enable. Defined at power-up.
5, 31
DVDD, DRVDD
Digital Supply.
6, 32
DVSS, DRVDD
Digital Ground.
7, 16, 50, 51, 61
AVDD
Analog Supply.
8, 9
IOUT
−A, IOUT+A
DAC A Differential Output.
10, 13, 49, 53, 59
AGND, AVSS
Analog Ground.
11
REFIO
Tx DAC Band Gap Reference Decoupling Pin.
12
FSADJ
Tx DAC Full-Scale Adjust Pin.
14, 15
IOUT+B, IOUT−B
DAC B Differential Output.
SPI: Buffered CLKIN. Can be configured as system clock output.
17
IFACE2
(12/24)
No SPI: Buffered CLKIN for FD; 12/24 configuration pin for HD24 or HD12.
18
IFACE3
Clock Output.
19 to 30
U11 to U0
Upper Data Bit 11 to Upper Data Bit 0.
SPI: TxSYNC for FD; Tx/Rx for HD24, HD12, or clone.
33
IFACE1
No SPI: FD >> TxSYNC; HD24 or HD12: Tx/Rx. Clone mode requires a serial port
interface.
34 to 45
L11 to L0
Lower Data Bit 11 to Lower Data Bit 0.
46
RESET
Chip Reset When Low.
47
CLKIN2
Clock Input 2.
48
CLKIN1
Clock Input 1.


Similar Part No. - AD9863BCPRL-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863BCPRL-50 AD-AD9863BCPRL-50 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
More results

Similar Description - AD9863BCPRL-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860 AD-AD9860 Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9993 AD-AD9993 Datasheet
2Mb / 56P
   Integrated Mixed-Signal Front End (MxFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com