Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2857 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N2857
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N2857 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N2857 Datasheet HTML 1Page - Semicoa Semiconductor 2N2857 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N2857
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 3 mA
15
Volts
Collector-Base Cutoff Current
ICBO1
VCB = 15 Volts
10
nA
Collector-Base Cutoff Current
ICBO3
VCB = 30 Volts
1
µA
Collector-Base Cutoff Current
ICBO2
VCB = 15 Volts, TA = 150°C
1
µA
Collector-Emitter Cutoff Current
ICES
VCE = 16 Volts
100
nA
Emitter-Base Cutoff Current
IEBO1
VEB = 3 Volts
10
µA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
IC = 3 mA, VCE = 1 Volts
IC = 3 mA, VCE = 1 Volts
TA = -55°C
30
10
150
Base-Emitter Saturation Voltage
VBEsat
IC = 10 mA, IB = 1 mA
1.0
Volts
Collector-Emitter Saturation Voltage
VCEsat
IC = 10 mA, IB = 1 mA
0.4
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 6 Volts, IC = 5 mA,
f = 100 MHz
10
21
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 6 Volts, IC = 2 mA,
f = 1 kHz
50
220
Collector to Base Feedback
Capacitance
CCB
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
1
pF
Collector Base time constant
rb’CC
VCB = 6 Volts, IE = 2 mA,
f = 31.9 MHz
4
15
ps
Small Signal Power Gain
Gpe
VCE = 6 Volts, IE = 1.5 mA,
f = 450 MHz
12.5
21
MHz
Noise Figure
F
VCE = 6 Volts, IC = 1.5 mA,
f < 450 MHz, Rg = 50 Ω
4.5
dB


Similar Part No. - 2N2857

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2857 SEME-LAB-2N2857 Datasheet
13Kb / 2P
   NPN TRANSISTOR
logo
List of Unclassifed Man...
2N2857 ETC1-2N2857 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Semicoa Semiconductor
2N2857 SEMICOA-2N2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
logo
Microsemi Corporation
2N2857 MICROSEMI-2N2857 Datasheet
85Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N2857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com