Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC245 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC245
Description  Octal-Bus Transceiver Three-State, Non-Inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC245 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC245 Datasheet HTML 2Page - Texas Instruments CD74AC245 Datasheet HTML 3Page - Texas Instruments CD74AC245 Datasheet HTML 4Page - Texas Instruments CD74AC245 Datasheet HTML 5Page - Texas Instruments CD74AC245 Datasheet HTML 6Page - Texas Instruments CD74AC245 Datasheet HTML 7Page - Texas Instruments CD74AC245 Datasheet HTML 8Page - Texas Instruments CD74AC245 Datasheet HTML 9Page - Texas Instruments CD74AC245 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Three-State Output Capacitance
CO
-
-
15
-
-
15
-
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
57
-
-
57
-
pF
NOTES:
8. Limits tested 100%
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per channel.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
NOTES:
12. Input pulses have the following characteristics: PRR
≤ 1MHz, tr = 3ns, SKEW 1ns.
13. R.F. fixture with 700MHz design rules required. IC should be soldered into test board and bypassed with 0.1
µF capacitor. Scope and
probes require 700MHz bandwidth.
FIGURE 1. SIMULTANEOUS SWITCHING TRANSIENT WAVEFORMS
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
OTHER
OUTPUTS
OUTPUT
UNDER
TEST
VOH
VOL
VOHV
VOLP
VOL
VOH
CD54/74AC245, CD54/74ACT245


Similar Part No. - CD74AC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI-CD74AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245E TI-CD74AC245E Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245E TI-CD74AC245E Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245E TI-CD74AC245E Datasheet
467Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD74AC245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com