Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET4201PARGTRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4201PARGTRG4
Description  155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4201PARGTRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET4201PARGTRG4 Datasheet HTML 7Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 8Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 9Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 10Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 11Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 12Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 13Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 14Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
ONET4201PARGTR
ACTIVE
QFN
RGT
16
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
ONET4201PARGTRG4
ACTIVE
QFN
RGT
16
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
ONET4201PARGTT
ACTIVE
QFN
RGT
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
ONET4201PARGTTG4
ACTIVE
QFN
RGT
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
21-Feb-2006
Addendum-Page 1


Similar Part No. - ONET4201PARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4201PARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com