Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L16012 Datasheet(PDF) 3 Page - Littelfuse

Part # 1812L16012
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L16012 Datasheet(HTML) 3 Page - Littelfuse

  1812L16012 Datasheet HTML 1Page - Littelfuse 1812L16012 Datasheet HTML 2Page - Littelfuse 1812L16012 Datasheet HTML 3Page - Littelfuse 1812L16012 Datasheet HTML 4Page - Littelfuse 1812L16012 Datasheet HTML 5Page - Littelfuse 1812L16012 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1812L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Temperature Rerating Curve
Average Time Current Curves
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
0.100
1
10
100
0.02
1812L Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.10
The average time current curves and temperature rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.


Similar Part No. - 1812L16012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L16012 LITTELFUSE-1812L16012 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L16012 LITTELFUSE-1812L16012 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L16012 LITTELFUSE-1812L16012 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L16012 LITTELFUSE-1812L16012 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1812L16012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L LITTELFUSE-0805L_06 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com