Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL4913KPA1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL4913KPA1
Description  Rad-Hard Adjustable positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KPA1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL4913KPA1 Datasheet HTML 3Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 4Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 5Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 6Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 7Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 8Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 9Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 10Page - STMicroelectronics RHFL4913KPA1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RHFL4913 ADJUSTABLE VERSION
Device description
7/16
4
Device description
The RHFL4913 Adjustable contains a PNP type power element controlled by a signal resulting from
amplified comparison between the internal temperature compensated Band-Gap and the fraction of the
desired Output Voltage value obtained from an external resistor divider bridge. The device is protected by
several functional blocks.
4.1
ADJ Pin
The Load output voltage feed-back comes from an external divider resistor bridge middle point connected
to ADJ pin (allowing all possible output voltage settings as per User’s desire) established between Load
terminals.
4.2
INHIBIT ON-OFF Control
By setting INHIBIT pin TTL-High, the Device switches off the Output Current and Voltage. Device is ON
when INHIBIT pin is set Low. Since INHIBIT pin is internally pulled down, it can be left floating in case
Inhibit function is not utilized.
4.3
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The Device goes
OFF when approx. 175°C are reached, returning to ON mode when back to approx. 40°C. Combined with
other protection blocks, it protects the Device from destructive junction temperature excursions in all load
conditions. It is worth noting that when internal temperature detector reaches 175°C, the active power
element can be at 225°C: Extensive operation under these conditions far exceeds Maximum Operation
Ratings and Device reliability cannot be granted.
4.4
Overcurrent protection
An internal non-fold back Short-Circuit limitation is set with ISHORT > 3.8A (VO is 0V). This value can be
downward modified by an external resistor connected between ISC and VI pins, with a typical value range
of 10k
to 200k. To keep excellent VO regulation, it is necessary to set ISHORT 1.6 times greater than the
maximum desired application IO. When IO reaches ISHORT – 300mA, the current limitor overrules
Regulation and VO starts to drop and OCM flag is risen. When no current limitation adjustment is
required, ISC pin must be left unbiased (as it is in 3pin packages).
4.5
OCM pin
Goes Low when current limit starts to be active, otherwise VOCM = VI. It is buffered and can sink 10mA.
OCM pin is internally pulled-up by a 5 k
resistor.
4.6
Alternates to
RHFL4913 is recommended to replace all Industry Positive Regulators due to its exceptional Radiation
performance. To replace 3-terminal Industry devices, use RHFL4913 Fixed Voltage versions.


Similar Part No. - RHFL4913KPA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913KPA1 STMICROELECTRONICS-RHFL4913KPA1 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
More results

Similar Description - RHFL4913KPA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com