Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL4913SCA2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFL4913SCA2
Description  Rad-Hard Adjustable positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFL4913SCA2 Datasheet HTML 6Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 7Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 8Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 9Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 10Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 11Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 12Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 13Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DIE Information
RHFL4913 ADJUSTABLE VERSION
10/16
6.1
Die bonding pad locations and electrical functions.
Die physical dimensions.
Die size: 150mils x 110mils (3.81mm by 2.79mm)
Die thickness: 375µm
± 25µm (14.8 mils ± 1 mil)
Pad size: VIN, VOUT pads: 450µm x 330µm (17.7mils by 13mils)
Control pads: 184µm x 184µm (7.25mils square)
Interface materials.
Top metallization: Al/Si/Cu, 1.05µm
± 0.15µm
Backside metallization: None
Glassivation.
Type: P. Vapox + Nitride
Thickness: 0.6µm
± 0.1µm + 0.6µm ± 0.08µm
Substrate: bare Silicon
Assembly related information.
Substrate potential: Floating recommended to be tied to Ground
Special assembly instructions: "Sense" pad not used, not internally connected to any
part of the IC. Can be connected to Ground when space anti-static electricity rules
apply.


Similar Part No. - RHFL4913SCA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913SCA2 STMICROELECTRONICS-RHFL4913SCA2 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
More results

Similar Description - RHFL4913SCA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com