Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2090TRL Datasheet(PDF) 7 Page - International Rectifier

Part # MBRB2090TRL
Description  SCHOTTKY RECTIFIER 20 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB2090TRL Datasheet(HTML) 7 Page - International Rectifier

  MBRB2090TRL Datasheet HTML 1Page - International Rectifier MBRB2090TRL Datasheet HTML 2Page - International Rectifier MBRB2090TRL Datasheet HTML 3Page - International Rectifier MBRB2090TRL Datasheet HTML 4Page - International Rectifier MBRB2090TRL Datasheet HTML 5Page - International Rectifier MBRB2090TRL Datasheet HTML 6Page - International Rectifier MBRB2090TRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
7
www.irf.com
1
-
Essential Part Number
2
-
B= D2Pak
6 none
none = TO-262
6 = -1
3
-
Current Rating (20 = 20A)
4
-
Voltage Ratings
5
-
CT
= Essential Part Number
6
none = D2Pak
2 = B
-1
= TO-262
2 none
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free (for TO-262 and D2Pak tube)
P
= Lead-Free (for D2Pak TRR and TRL)
Ordering Information Table
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 01/07
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Device Code
1
5
24
3
MBR
B
20
100
CT
-1
TRL
P
6
7
8
80 = 80V
90 = 90V
100 = 100V


Similar Part No. - MBRB2090TRL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB2090CT DIODES-MBRB2090CT Datasheet
58Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Vishay Siliconix
MBRB2090CT VISHAY-MBRB2090CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Galaxy Semi-Conductor H...
MBRB2090CT BILIN-MBRB2090CT Datasheet
180Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
MBRB2090CT VISHAY-MBRB2090CT Datasheet
160Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 26-May-08
MBRB2090CT VISHAY-MBRB2090CT Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
More results

Similar Description - MBRB2090TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
   SCHOTTKY RECTIFIER 20 Amp
20TQ040 IRF-20TQ040_06 Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
   SCHOTTKY RECTIFIER - 20 Amp
MBR2035CT IRF-MBR2035CT Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
   20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB20100CTG IRF-MBRB20100CTG Datasheet
237Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
   20 Amp Schottky ORing Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com