Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2090-1TRL Datasheet(PDF) 1 Page - International Rectifier

Part # MBR2090-1TRL
Description  SCHOTTKY RECTIFIER 20 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR2090-1TRL Datasheet(HTML) 1 Page - International Rectifier

  MBR2090-1TRL Datasheet HTML 1Page - International Rectifier MBR2090-1TRL Datasheet HTML 2Page - International Rectifier MBR2090-1TRL Datasheet HTML 3Page - International Rectifier MBR2090-1TRL Datasheet HTML 4Page - International Rectifier MBR2090-1TRL Datasheet HTML 5Page - International Rectifier MBR2090-1TRL Datasheet HTML 6Page - International Rectifier MBR2090-1TRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
20
A
(Per Device)
I
FRM
@T
C =133°C
20
A
(PerLeg)
V
RRM
80/90/100
V
I
FSM @ tp = 5 μs sine
850
A
V
F
@ 10Apk,T
J = 125°C
0.70
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
Center tap TO-220, D2Pak and TO-262 packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
www.irf.com
SCHOTTKY RECTIFIER
20 Amp
Bulletin PD-21019 rev. C 01/07
MBRB20...CTPbF
MBR20...CT-1PbF
IF(AV) = 20Amp
VR = 80/ 100V
Case Styles
D2PAK
MBRB20...CTPbF
MBR20...CT-1PbF
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - MBR2090-1TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR2090 TSC-MBR2090 Datasheet
665Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
MBR2090 CHENDA-MBR2090 Datasheet
584Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
MBR2090 SUNMATE-MBR2090 Datasheet
252Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Microdiode Electronics ...
MBR2090 CHENDA-MBR2090 Datasheet
603Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Thinki Semiconductor Co...
MBR2090CA THINKISEMI-MBR2090CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
More results

Similar Description - MBR2090-1TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
   SCHOTTKY RECTIFIER 20 Amp
20TQ040 IRF-20TQ040_06 Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
   SCHOTTKY RECTIFIER - 20 Amp
MBR2035CT IRF-MBR2035CT Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
   20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB20100CTG IRF-MBRB20100CTG Datasheet
237Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
   20 Amp Schottky ORing Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com