Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G08DRLRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G08DRLRG4
Description  SINGLE 2-INPUT POSITIVE-AND GATE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G08DRLRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G08DRLRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
SN74LVC1G08
SINGLE 2-INPUT POSITIVE-AND GATE
SCES217T – APRIL 1999 – REVISED FEBRUARY 2007
ORDERING INFORMATION
ORDERABLE PART
TA
PACKAGE(1)
TOP-SIDE MARKING(2)
NUMBER
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74LVC1G08YZPR
_ _ _CE_
(Pb-free)
SON – DRY
Reel of 5000
SN74LVC1G08DRYR
CE _
Reel of 3000
SN74LVC1G08DBVR
–40
°C to 85°C
SOT (SOT-23) – DBV
C08_
Reel of 250
SN74LVC1G08DBVT
Reel of 3000
SN74LVC1G08DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G08DCKT
CE_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G08DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
H
H
H
L
X
L
X
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback


Similar Part No. - SN74LVC1G08DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
119Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
737Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
737Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI1-SN74LVC1G08DRLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LVC1G08 Single 2-Input Positive-AND Gate
SN74LVC1G08DRLRG4 TI1-SN74LVC1G08DRLRG4 Datasheet
2Mb / 48P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74LVC1G08DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com