Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2090TRR Datasheet(PDF) 2 Page - International Rectifier

Part # MBRB2090TRR
Description  SCHOTTKY RECTIFIER 20 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB2090TRR Datasheet(HTML) 2 Page - International Rectifier

  MBRB2090TRR Datasheet HTML 1Page - International Rectifier MBRB2090TRR Datasheet HTML 2Page - International Rectifier MBRB2090TRR Datasheet HTML 3Page - International Rectifier MBRB2090TRR Datasheet HTML 4Page - International Rectifier MBRB2090TRR Datasheet HTML 5Page - International Rectifier MBRB2090TRR Datasheet HTML 6Page - International Rectifier MBRB2090TRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
2
www.irf.com
T
J
Max. Junction Temperature Range
-65 to 150
°C
Tstg Max.StorageTemperatureRange
-65 to 175
°C
R
thJC Max. Thermal Resistance
2.0
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface, smooth and greased
Case to Heatsink
Only for TO-220
R
thJA Max. Thermal Resistance
50
°C/W DC operation
Junction to Ambient
For D2Pak and TO-262
wt
Approximate Weight
2 (0.07)
g(oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
MarkingDevice
MBRB20...CT
Case style D2Pak
MBR20...CT-1
Case style TO-262
Thermal-Mechanical Specifications
Parameters
Values
Units
Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.80
V
@ 10A
(1)
0.95
V
@ 20A
0.70
V
@ 10A
0.85
V
@ 20A
I
RM
Max. Instantaneus Reverse Current
0.10
mA
TJ = 25 °C
(1)
6
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.433
V
T
J = TJ max.
rt
Forward Slope Resistance
15.8
m
Ω
CT
Max. Junction Capacitance
400
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated VR)
Electrical Specifications
Parameters
Values
Units
Conditions
Rated DC voltage
T
J =
25 °C
T
J = 125 °C
(1) Pulse Width < 300μs, Duty Cycle <2%
I
F(AV) Max. Average Forward
(PerLeg)
10
A
@ T
C = 133° C, (Rated VR)
Current
(PerDevice)
20
I
FRM
Peak Repetitive Forward
20
A
RatedVR,squarewave,20kHz
Current
(Per Leg)
TC=133°C
I
FSM
Non Repetitive Peak
5μs Sine or 3μs
Surge Current
Rect. pulse
Surge applied at rated load conditions halfwave,
single phase, 60Hz
I
RRM
Peak Repetitive Reverse
0.5
A
2.0 μsec 1.0 KHz
Surge Current
EAS
Non-RepetitiveAvalancheEnergy
24
mJ
T
J = 25 °C, IAS = 2 Amps, L = 12 mH
(Per Leg)
Absolute Maximum Ratings
Following any rated load condition
and with rated VRRMapplied
A
150
80
90
100
Voltage Ratings
Parameters
Parameters
Values
Units
Conditions
MBRB2080CTPbF
MBRB2090CTPbF
MBRB20100CTPbF
MBR2080CT-1PbF
MBR2090CT-1PbF
MBR20100CT-1PbF
850
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)


Similar Part No. - MBRB2090TRR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB2090CT DIODES-MBRB2090CT Datasheet
58Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Vishay Siliconix
MBRB2090CT VISHAY-MBRB2090CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Galaxy Semi-Conductor H...
MBRB2090CT BILIN-MBRB2090CT Datasheet
180Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
MBRB2090CT VISHAY-MBRB2090CT Datasheet
160Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 26-May-08
MBRB2090CT VISHAY-MBRB2090CT Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
More results

Similar Description - MBRB2090TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
   SCHOTTKY RECTIFIER 20 Amp
20TQ040 IRF-20TQ040_06 Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
   SCHOTTKY RECTIFIER - 20 Amp
MBR2035CT IRF-MBR2035CT Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
   20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB20100CTG IRF-MBRB20100CTG Datasheet
237Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
   20 Amp Schottky ORing Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com