Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85CNQ015ASM Datasheet(PDF) 1 Page - International Rectifier

Part # 85CNQ015ASM
Description  SCHOTTKY RECTIFIER New GenIII D-61 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85CNQ015ASM Datasheet(HTML) 1 Page - International Rectifier

  85CNQ015ASM Datasheet HTML 1Page - International Rectifier 85CNQ015ASM Datasheet HTML 2Page - International Rectifier 85CNQ015ASM Datasheet HTML 3Page - International Rectifier 85CNQ015ASM Datasheet HTML 4Page - International Rectifier 85CNQ015ASM Datasheet HTML 5Page - International Rectifier 85CNQ015ASM Datasheet HTML 6Page - International Rectifier 85CNQ015ASM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
New GenIII D-61 Package
80 Amp
85CNQ015APbF
85CNQ015ASMPbF
Bulletin PD-21008 01/05
www.irf.com
1
Major Ratings and Characteristics
I
F(AV) Rectangular
80
A
waveform
V
RRM
15
V
I
FSM @ tp = 5 µs sine
5200
A
V
F
@40Apk,T
J= 75 °C
0.32
V
(per leg)
T
J
range
- 55 to 100
°C
Characteristics
Values
Units
The center tap Schottky rectifier module has been optimized
for ultra low forward voltage drop specifically for the OR-ing of
parallel power supplies. The proprietary barrier technology
allows for reliable operation up to 125 °C junction temperature.
Typical applications are in parallel switching power supplies,
converters, reverse battery protection, and redundant power
subsystems.
125°C T
J operation (VR < 5V)
Center tap module
Optimized for OR-ing applications
Ultra low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
New fully transfer-mold low profile, small
footprint, high current package
Through-hole versions are currently available for use in
Lead-Free applications ("PbF" suffix)
Description/ Features
Case Styles
D61-8
85CNQ015APbF
85CNQ015ASMPbF
D61-8-SM


Similar Part No. - 85CNQ015ASM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015ASM VISHAY-85CNQ015ASM Datasheet
124Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
85CNQ015ASM VISHAY-85CNQ015ASM Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
85CNQ015ASMPBF VISHAY-85CNQ015ASMPBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 85CNQ015ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
InterFET Corporation
81CNQ035A INTERFET-81CNQ035A Datasheet
235Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
International Rectifier
83CNQ080GA IRF-83CNQ080GA Datasheet
216Kb / 9P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com