Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20100-1TRLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # MBRB20100-1TRLPBF
Description  SCHOTTKY RECTIFIER 20 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB20100-1TRLPBF Datasheet(HTML) 3 Page - International Rectifier

  MBRB20100-1TRLPBF Datasheet HTML 1Page - International Rectifier MBRB20100-1TRLPBF Datasheet HTML 2Page - International Rectifier MBRB20100-1TRLPBF Datasheet HTML 3Page - International Rectifier MBRB20100-1TRLPBF Datasheet HTML 4Page - International Rectifier MBRB20100-1TRLPBF Datasheet HTML 5Page - International Rectifier MBRB20100-1TRLPBF Datasheet HTML 6Page - International Rectifier MBRB20100-1TRLPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
0.0001
0.001
0.01
0.1
1
10
100
020
40
60
80
100
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 150°C
J
10
100
1000
020
40
60
80
100
R
Reverse Voltage - V (V)
T = 25°C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
thJC
C
DM
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM
1
10
100
0.20.4
0.60.8
1
1.2
1.41.6
1.8
FM
T = 150°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)


Similar Part No. - MBRB20100-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB20100CD MOTOROLA-MBRB20100CD Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
133Kb / 4P
   SWITCHMODE Power Rectifier
May, 2009 ??Rev. 8
logo
Foshan Blue Rocket Elec...
MBRB20100CT FOSHAN-MBRB20100CT Datasheet
717Kb / 6P
   Schottky Diode in a TO-263 Plastic Package
logo
Motorola, Inc
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
Micro Commercial Compon...
MBRB20100CT MCC-MBRB20100CT Datasheet
467Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB20100-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
   SCHOTTKY RECTIFIER 20 Amp
20TQ040 IRF-20TQ040_06 Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
   SCHOTTKY RECTIFIER - 20 Amp
MBR2035CT IRF-MBR2035CT Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
   20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB20100CTG IRF-MBRB20100CTG Datasheet
237Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
   20 Amp Schottky ORing Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com