Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG1117 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG1117
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REG1117_07 Datasheet HTML 1Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 2Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 3Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 4Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 5Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 6Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 7Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 8Page - Burr-Brown (TI) REG1117_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FEATURES
D FIXED AND ADJUSTABLE VERSIONS
D 2.85V MODEL FOR SCSI-2 ACTIVE
TERMINATION
D OUTPUT CURRENT:
REG1117: 800mA max
REG1117A: 1A max
D OUTPUT TOLERANCE: +1% max
D DROPOUT VOLTAGE:
REG1117: 1.2V max at IO = 800mA
REG1117A: 1.3V max at IO = 1A
D INTERNAL CURRENT LIMIT
D THERMAL OVERLOAD PROTECTION
D SOT-223 AND DDPAK SURFACE-MOUNT
PACKAGES
APPLICATIONS
D SCSI-2 ACTIVE TERMINATION
D HAND-HELD DATA COLLECTION DEVICES
D HIGH EFFICIENCY LINEAR REGULATORS
D BATTERY-POWERED INSTRUMENTATION
D BATTERY MANAGEMENT CIRCUITS FOR
NOTEBOOK AND PALMTOP PCs
D CORE VOLTAGE SUPPLY: FPGA, PLD, DSP,
CPU
DESCRIPTION
The REG1117 is a family of easy-to-use three-terminal
voltage regulators. The family includes a variety of fixed-
and adjustable-voltage versions, two currents (800mA and
1A) and two package types (SOT-223 and DDPAK). See
the chart below for available options.
Output voltage of the adjustable versions is set with two
external resistors. The REG1117 low dropout voltage
allows its use with as little as 1V input-output voltage
differential.
Laser trimming assures excellent output voltage accuracy
without adjustment. An NPN output stage allows output
stage drive to contribute to the load current for maximum
efficiency.
800mA
1A
VOLTAGE
SOT-223
DDPAK
SOT-223
DDPAK
1.8V
n
n
2.5V
n
n
2.85V
n
3.3V
n
n
5V
n
n
Adjustable
n
n
n
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
All trademarks are the property of their respective owners.
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
800mA and 1A Low Dropout Positive Regulator
1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
www.ti.com
Copyright
 1992−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - REG1117_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com