Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG1117A-1.8G4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REG1117A-1.8G4
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117A-1.8G4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button REG1117A-1.8G4 Datasheet HTML 6Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 7Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 8Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 9Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 10Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 11Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 12Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 13Page - Burr-Brown (TI) REG1117A-1.8G4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
10
The SOT-223 package derives heat sinking from
conduction through its copper leads, especially the large
mounting tab. These must be soldered to a circuit board
with a substantial amount of copper remaining, as shown
in Figure 5. Circuit board traces connecting the tab and the
leads should be made as large as practical. The mounting
tab of both packages is electrically connected to VOUT.
Total Area: 50 x 50mm
35 x 17 mm
16 x 10 mm
16 x 10 mm
Without backside copper:
JA ≈ 59_ C/W
q
With solid backside copper:
JA ≈ 49_ C/W
q
Figure 5. SOT-223 Circuit Board Layout Example
Other nearby circuit traces, including those on the back
side of the circuit board, help conduct heat away from the
device, even though they may not be electrically
connected. Make all nearby copper traces as wide as
possible and leave only narrow gaps between traces.
Table 1 shows approximate values of
qJA for various circuit
board and copper areas for the SOT-223 package. Nearby
heat dissipating components, circuit board mounting
conditions, and ventilation can dramatically affect the
actual
qJA. Proper heat sinking significantly increases the
maximum
power
dissipation
at
a
given
ambient
temperature, as shown in Figure 6.
Table 1. SOT-223
qJA for Various Board
Configurations
(1)
SOT-223
THERMAL
TOTAL PC
BOARD
TOPSIDE(1)
COPPER
BACKSIDE
COPPER
THERMAL
RESISTANCE
JUNCTION-
BOARD
AREA
COPPER
AREA
COPPER
AREA
JUNCTION-
TO-AMBIENT
2500mm2
2500mm2
2500mm2
46
°C/W
2500mm2
1250mm2
2500mm2
47
°C/W
2500mm2
950mm2
2500mm2
49
°C/W
2500mm2
2500mm2
0
51
°C/W
2500mm2
1800mm2
0
53
°C/W
1600mm2
600mm2
1600mm2
55
°C/W
2500mm2
1250mm2
0
58
°C/W
2500mm2
915mm2
0
59
°C/W
1600mm2
600mm2
0
67
°C/W
900mm2
340mm2
900mm2
72
°C/W
900mm2
340mm2
0
85
°C/W
(1) Tab is attached to the topside copper.
SOLDERING METHODS
Both REG1117 packages are suitable for infrared reflow
and vapor-phase reflow soldering techniques. The high
rate of temperature change that occurs with wave
soldering or hand soldering can damage the REG1117.
INSPEC Abstract Number: B91007604, C91012627.
Kelly, E.G. “Thermal Characteristics of Surface 5WK9
Packages.” The Proceedings of SMTCON. Surface Mount
Technology Conference and Exposition: Competitive
Surface Mount Technology, April 3−6, 1990, Atlantic City,
NJ, USA. Abstract Publisher: IC Manage, 1990, Chicago,
IL, USA.
6
5
4
3
2
1
0
0
255075
100
125
Ambient Temperature (
_C)
MAXIMUM POWER DISSIPATION
vs AMBIENT TEMPERATURE
P
D =(TJ (max) − TA)/ JA
T
J (max) = 150_ C
q
DDPAK
SOT−223
JA =85_ C/W
(340mm2 topside copper,
no backside copper)
q
JA =46_ C/W
(2500mm2 topside and
backside copper)
q
JA =27_ C/W
(4in2 one oz copper
mounting pad)
q
JA =65_ C/W
(no heat sink)
q
Figure 6. Maximum Power Dissipation versus Ambient Temperature


Similar Part No. - REG1117A-1.8G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117A-1.8G4 BURR-BROWN-REG1117A-1.8G4 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A-1.8G4 TI1-REG1117A-1.8G4 Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117A-1.8G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com