Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A44159PWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A44159PWRG4
Description  0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159PWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TS3A44159PWRG4 Datasheet HTML 1Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 2Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 3Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 4Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 5Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 6Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 7Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 8Page - Texas Instruments TS3A44159PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
NC4
COM4
NO4
IN3-4
NC3
COM3
NO3
COM1
IN1-2
NO1
NC2
NC1
NO2
COM2
TS3A44159
0.45-
Ω QUAD SPDT ANALOG SWITCH
QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
SCDS225 – MARCH 2007
SUMMARY OF CHARACTERISTICS(1)
Quad 2:1 Multiplexer/Demultiplexer
Configuration
(4
× SPDT or 2 × DPDT)
Number of channels
4
ON-state resistance (ron)
0.45
Ω (max)
ON-state resistance match (
∆r
on)
0.07
Ω (max)
ON-state resistance flatness (rON(flat))
0.1
Ω (max)
Turn-on/turn-off time (tON/tOFF)
23 ns/32 ns
Break-before-make time (tBBM)
30 ns
Charge injection (QC)
139 pC
Bandwidth (BW)
35 MHz
OFF isolation (OISO)
–71 dB
Crosstalk (XTALK)
–73 dB
Total harmonic distortion (THD)
0.003%
Power-supply current (I+)
0.4
µA
Package option
16-pin QFN
(1)
V+ = 4.3 V, TA = 25°C
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
LOGIC DIAGRAM
2
Submit Documentation Feedback


Similar Part No. - TS3A44159PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159PWRG4 TI-TS3A44159PWRG4 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159PWRG4 TI-TS3A44159PWRG4 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Similar Description - TS3A44159PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com