Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8122TMP6400V Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MSC8122TMP6400V
Description  Quad Core 16-Bit Digital Signal Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122TMP6400V Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MSC8122TMP6400V Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8122TMP6400V Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MSC8122 Technical Data, Rev. 13
iv
Freescale Semiconductor
Features
Features
Feature
Description
SC140 Cores
Four SC140 cores:
• Up to 8000 MMACS using 16 ALUs running at up to 500 MHz.
• A total of 1436 KB of internal SRAM (224 KB per core + 16 KB ICache per core + the shared M2 memory).
Each SC140 core provides the following:
• Up to 2000 MMACS using an internal 500 MHz clock. A MAC operation includes a multiply-accumulate
command with the associated data move and pointer update.
• 4 ALUs per SC140 core.
• 16 data registers, 40 bits each.
• 27 address registers, 32 bits each.
• Hardware support for fractional and integer data types.
• Very rich 16-bit wide orthogonal instruction set.
• Up to six instructions executed in a single clock cycle.
• Variable-length execution set (VLES) that can be optimized for code density and performance.
• IEEE Std 1149.1™ JTAG port.
• Enhanced on-device emulation (EOnCE) with real-time debugging capabilities.
Extended Core
Each SC140 core is embedded within an extended core that provides the following:
• 224 KB M1 memory that is accessed by the SC140 core with zero wait states.
• Support for atomic accesses to the M1 memory.
• 16 KB instruction cache, 16 ways.
• A four-entry write buffer that frees the SC140 core from waiting for a write access to finish.
• External cache support by asserting the global signal (GBL) when predefined memory banks are accessed.
• Programmable interrupt controller (PIC).
• Local interrupt controller (LIC).
Multi-Core Shared
Memories
• 476 KB M2 memory (shared memory) working at the core frequency, accessible from the local bus, and
accessible from all four SC140 cores using the MQBus.
• 4 KB bootstrap ROM.
M2-Accessible Multi-
Core Bus (MQBus)
• A QBus protocol multi-master bus connecting the four SC140 cores to the M2 memory.
• Data bus access of up to 128-bit read and up to 64-bit write.
• Operation at the SC140 core frequency.
• A central efficient round-robin arbiter controlling SC140 core access on the MQBus.
• Atomic operation control of access to M2 memory by the four SC140 cores and the local bus.
Internal PLL
• Generates up to 500 MHz core clock and up to166 MHz bus clocks for the 60x-compatible local and system
buses and other modules.
• PLL values are determined at reset based on configuration signal values.
60x-Compatible
System Bus
• 64/32-bit data and 32-bit address 60x bus.
• Support for multiple-master designs.
• Four-beat burst transfers (eight-beat in 32-bit wide mode).
• Port size of 64, 32, 16, and 8 controlled by the internal memory controller.
• Bus can access external memory expansion or off-device peripherals, or it can enable an external host device to
access internal resources.
• Slave support, direct access by an external host to internal resources including the M1 and M2 memories.
• On-device arbitration between up to four master devices.
Direct Slave
Interface (DSI)
A 32/64-bit wide slave host interface that operates only as a slave device under the control of an external host
processor.
• 21–25 bit address, 32/64-bit data.
• Direct access by an external host to internal and external resources, including the M1 and the M2 memories as
well as external devices on the system bus.
• Synchronous and asynchronous accesses, with burst capability in the synchronous mode.
• Dual or Single strobe modes.
• Write and read buffers improve host bandwidth.
• Byte enable signals enables 1, 2, 4, and 8 byte write access granularity.
• Sliding window mode enables access with reduced number of address pins.
• Chip ID decoding enables using one
CS signal for multiple DSPs.
• Broadcast
CS signal enables parallel write to multiple DSPs.
• Big-endian, little-endian, and munged little-endian support.
3-Mode Signal
Multiplexing
• 64-bit DSI, 32-bit system bus.
• 32-bit DSI, 64-bit system bus.
• 32-bit DSI, 32-bit system bus.


Similar Part No. - MSC8122TMP6400V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8122TMP6400V FREESCALE-MSC8122TMP6400V Datasheet
846Kb / 48P
   Quad Digital Signal Processor
MSC8122TMP6400V FREESCALE-MSC8122TMP6400V Datasheet
846Kb / 48P
   Quad Digital Signal Processor
More results

Similar Description - MSC8122TMP6400V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8102 FREESCALE-MSC8102 Datasheet
1Mb / 80P
   Quad Core 16-Bit Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
   Quad Core Digital Signal Processor
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
   Quad Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
   Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
   Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
   Quad-Core Digital Signal Processor
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
   Quad-Core Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
   Quad Core Digital Signal Processor
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
   16-Bit Fixed Point Digital Signal Processor DSP Core
logo
Freescale Semiconductor...
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
   Quad-Core Digital Signal Processor with Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com