Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L040AQ90B Datasheet(PDF) 3 Page - Winbond

Part # W39L040AQ90B
Description  512K 횞 8 CMOS FLASH MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L040AQ90B Datasheet(HTML) 3 Page - Winbond

  W39L040AQ90B Datasheet HTML 1Page - Winbond W39L040AQ90B Datasheet HTML 2Page - Winbond W39L040AQ90B Datasheet HTML 3Page - Winbond W39L040AQ90B Datasheet HTML 4Page - Winbond W39L040AQ90B Datasheet HTML 5Page - Winbond W39L040AQ90B Datasheet HTML 6Page - Winbond W39L040AQ90B Datasheet HTML 7Page - Winbond W39L040AQ90B Datasheet HTML 8Page - Winbond W39L040AQ90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
W39L040A
Publication Release Date: April 14, 2005
- 3 -
Revision A3
1. GENERAL DESCRIPTION
The W39L040A is a 4Mbit, 3V/3.3V CMOS flash memory organized as 512K
× 8 bits. For flexible
erase capability, the 4Mbits of data are divided into 8 uniform sectors of 64 Kbytes. The byte-wide (
×
8) data appears on DQ7
− DQ0. The device can be programmed and erased in-system with a
standard 3.3V power supply. A 12-volt VPP is not required. The unique cell architecture of the
W39L040A results in fast program/erase operations with extremely low current consumption
(compared to other comparable 3.3-volt flash memory products). The device can also be programmed
and erased by using standard EPROM programmers.
2. FEATURES
3V/3.3-Volt Read/Erase/Program Operations
− 3.0 ~ 3.6V for 70nS
− 2.7 ~ 3.6V for 90nS
Fast Program operation:
− Byte-by-Byte programming: 9 μS (typ.)
Fast Erase operation:
− Chip Erase cycle time: 6 S (typ.)
− Sector Erase cycle time: 0.7 S (typ.)
Read access time: 70/90 nS
8 Even sectors with 64K bytes
Any individual sector can be erased
Typical program/erase cycles: 10K
Twenty-year data retention
Low power consumption
− Active read current: 7 mA at 5MHz (typ.)
− Active program/erase current: 15 mA at
5MHz (typ.)
− Standby current: 0.2 μA (typ.)
End of program detection
− Software method: Toggle bit/#Data polling
JEDEC standard byte-wide pinouts
Available packages: 32-pin PLCC Lead free,
32-pin STSOP (8 x 14 mm) Lead free, 32-pin
PDIP and 32-pin TSOP (8 x 20 mm)


Similar Part No. - W39L040AQ90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
W39L040P-70 WINBOND-W39L040P-70 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
W39L040P-70B WINBOND-W39L040P-70B Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
W39L040P-70J WINBOND-W39L040P-70J Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
W39L040P-70K WINBOND-W39L040P-70K Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
More results

Similar Description - W39L040AQ90B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F040SUTD-Z4 SHARP-LH28F040SUTD-Z4 Datasheet
247Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
   4M (512K 횞 8) Flash Memory
logo
Winbond
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
logo
Sharp Corporation
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
   4M (512K 횞 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com