Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82789C0113N002 Datasheet(PDF) 3 Page - EPCOS

Part # B82789C0113N002
Description  Chokes for data and signal lines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0113N002 Datasheet(HTML) 3 Page - EPCOS

  B82789C0113N002 Datasheet HTML 1Page - EPCOS B82789C0113N002 Datasheet HTML 2Page - EPCOS B82789C0113N002 Datasheet HTML 3Page - EPCOS B82789C0113N002 Datasheet HTML 4Page - EPCOS B82789C0113N002 Datasheet HTML 5Page - EPCOS B82789C0113N002 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
10/04
Chokes for data and signal lines
B82789*N
I core choke, EIA 1812
Technical data and measuring conditions
Characteristics and ordering codes
Rated voltage VR
42 VAC (50/60 Hz)
80 VDC
Rated current IR
Referred to 50 Hz and 85
°C ambient temperature
Rated inductance LR
Measured with HP 4284A at 100 kHz and 0.1 mA
Inductance tolerance
−30/+50%
Inductance decrease
∆L/L
0
<10% at DC magnetic bias with I
R
Stray inductance LS
Measured with HP 4284A at 100 kHz and 5 mA
DC resistance Rmax
Measured at 20
°C ambient temperature
Solderability (IEC 60068-2-58)
(235 ± 3) °C, (2 ± 0,3) s
Wetting of soldering area
≥95%
Climatic category (IEC 60068-1)
55/125/56 (–55
°C/+125 °C/56 days damp heat test)
Weight
Approx. 0.16 g
LR
LS, typ
IR
Rmax
Vtest
Ordering code
µH
µHmA
m
VDC, 2 s gold-plated terminals tinned terminals
11
0.06
300
250
250
B82789C0113N001
B82789C0113N002
22
0.10
250
580
250
B82789C0223N001
B82789C0223N002
22
3.0
250
580
250
B82789S0223N001
B82789S0223N002
51
0.10
250
550
250
B82789C0513N001
B82789C0513N002
100
0.25
150
1500
250
B82789C0104N001
B82789C0104N002


Similar Part No. - B82789C0113N002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0113N002 EPCOS-B82789C0113N002 Datasheet
205Kb / 11P
   Data and signal line chokes
B82789C0113N002 EPCOS-B82789C0113N002 Datasheet
205Kb / 11P
   SIMDAD 1812, common-mode chokes
B82789C0113N002 EPCOS-B82789C0113N002 Datasheet
205Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82789C0113N002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799 ETC-B82799 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
logo
EPCOS
B82796-C2 EPCOS-B82796-C2 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82791-G14 EPCOS-B82791-G14 Datasheet
74Kb / 2P
   Chokes for Data and Signal Lines
B82793-C2 EPCOS-B82793-C2 Datasheet
56Kb / 3P
   Chokes for Data and Signal Lines
B82790-C0475-N340 EPCOS-B82790-C0475-N340 Datasheet
75Kb / 5P
   Chokes for Data and Signal Lines
B82794-C2 EPCOS-B82794-C2 Datasheet
77Kb / 4P
   Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
   Chokes for Data and Signal Lines
B82799 EPCOS-B82799_00 Datasheet
66Kb / 4P
   Chokes for Data and Signal Lines
B82790-C0502-N201 EPCOS-B82790-C0502-N201 Datasheet
106Kb / 5P
   Chokes for Data and Signal Lines
logo
List of Unclassifed Man...
B82790 ETC-B82790 Datasheet
250Kb / 6P
   Chokes for Data and Signal Lines
logo
EPCOS
B82796-C0 EPCOS-B82796-C0 Datasheet
99Kb / 4P
   Chokes for Data and Signal Lines
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com