Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61101FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M61101FP
Description  PLL VIF/SIF TV Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61101FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M61101FP Datasheet HTML 2Page - Renesas Technology Corp M61101FP Datasheet HTML 3Page - Renesas Technology Corp M61101FP Datasheet HTML 4Page - Renesas Technology Corp M61101FP Datasheet HTML 5Page - Renesas Technology Corp M61101FP Datasheet HTML 6Page - Renesas Technology Corp M61101FP Datasheet HTML 7Page - Renesas Technology Corp M61101FP Datasheet HTML 8Page - Renesas Technology Corp M61101FP Datasheet HTML 9Page - Renesas Technology Corp M61101FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M61101FP
Rev.1.2 Apr 11, 2005 page 6 of 18
No.
Name
Function
Pin’s
voltage
Internal equivalent circuit
6
Audio / SIF
SW
Selector SW for AUDIO OUT
and SIF OUT.
OPEN: AUDIO OUT
GND: SIF OUT
3.3V
6
7
3K
100K
7
SIF VCC
The power supply terminal of
SIF.
3.3V
7
8
AUDIO OUT
AUDIO output and SIF output
terminals. This terminal needs
de-emphasis characteristics for
external. As described the
following figure, the terminal
voltage is the center voltage
value of output signal.
1.8V
200
AUDIO OUT : 0. 8mA
SIF OUT
: 1. 0mA
8
7
CMOS SW
SIF OUT
AUDIO OUT
4K
9
AUDIO F/B
AF Bypass terminal.
AUDIO F/B pin is connected to
one or the other input of
differential amplifier and could
be got the gain by smoothing a
sound signal with external
capacity. When connecting the
resistance in series with the
capacity, this terminal enable to
lower the amplitude of audio
input.
1.5V
50K
50K
250
250
100
7
9
10
SIF GND
GND terminal of SIF.
GND
10
11
NC
NC terminal.
12
LOGIC GND
GND terminal of Logic block and
Ref Amplifier.
GND
12
13
Ref Input
(JP/US SW)
Input terminal of reference
frequency.
This terminal inputs the external
signal(sine wave) and doubles as
JP/US selector SW.
In case of no connection
between Ref input pin and GND:
JPN(58.75M)
In case of 10k
Ωconnection:
USA(45.75M)
2.0V
5K
4K
4K
1.2 V
200
µA
14
13
100
200
To REF AMP
To JP/US SW
2V
100K
30K
µA
14
Logic Vcc
Power supply voltage terminal of
logic block and ref amplifier.
3.3V
14
15
NC
NC terminal.


Similar Part No. - M61101FP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61101GFCN MTRONPTI-M61101GFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101GFSN MTRONPTI-M61101GFSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101GTCN MTRONPTI-M61101GTCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101GTSN MTRONPTI-M61101GTSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101HFCN MTRONPTI-M61101HFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results

Similar Description - M61101FP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
M52768FP MITSUBISHI-M52768FP Datasheet
242Kb / 14P
   PLL-INTER VIF/SIF
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
M52034FP MITSUBISHI-M52034FP Datasheet
366Kb / 11P
   Standard pll vif/sif
M51362SP MITSUBISHI-M51362SP Datasheet
924Kb / 12P
   PLL SPLIT VIF/SIF
logo
Renesas Technology Corp
M51362SP RENESAS-M51362SP Datasheet
5Mb / 13P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M51365SP MITSUBISHI-M51365SP Datasheet
541Kb / 7P
   Pll-Split VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com