Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548Q Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548Q
Description  3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2548Q Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2548Q Datasheet HTML 6Page - Texas Instruments TLV2548Q Datasheet HTML 7Page - Texas Instruments TLV2548Q Datasheet HTML 8Page - Texas Instruments TLV2548Q Datasheet HTML 9Page - Texas Instruments TLV2548Q Datasheet HTML 10Page - Texas Instruments TLV2548Q Datasheet HTML 11Page - Texas Instruments TLV2548Q Datasheet HTML 12Page - Texas Instruments TLV2548Q Datasheet HTML 13Page - Texas Instruments TLV2548Q Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TLV2544Q, TLV2548Q, TLV2548M
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
SGLS119C – FEBRUARY 2002 – REVISED OCTOBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2544/TLV2548 conversion modes (continued)
Table 4. TLV2544/TLV2548 Conversion Mode
CONVERSION
MODE
CFR
D(6,5)
SAMPLING
TYPE
OPERATION
One shot
00
Normal
• Single conversion from a selected channel
• CS or FS to start select/sampling/conversion/read
• One INT or EOC generated after each conversion
• Host must serve INT by selecting channel, and converting and reading the previous output.
Extended
• Single conversion from a selected channel
• CS to select/read
• CSTART to start sampling and conversion
• One INT or EOC generated after each conversion
• Host must serve INT by selecting next channel and reading the previous output.
Repeat
01
Normal
• Repeated conversions from a selected channel
• CS or FS to start sampling/conversion
• One INT generated after FIFO is filled up to the threshold
• Host must serve INT by either 1) (FIFO read) reading out all of the FIFO contents up to the
threshold, then repeat conversions from the same selected channel or 2) writing another
command(s) to change the conversion mode. If the FIFO is not read when INT is served, it is
cleared.
Extended
• Same as normal sampling except CSTART starts each sampling and conversion when CS is
high.
Sweep
10
Normal
• One conversion per channel from a sequence of channels
• CS or FS to start sampling/conversion
• One INT generated after FIFO is filled up to the threshold
• Host must serve INT by (FIFO read) reading out all of the FIFO contents up to the threshold, then
write another command(s) to change the conversion mode.
Extended
• Same as normal sampling except CSTART starts each sampling and conversion when CS is
high.
Repeat sweep
11
Normal
• Repeated conversions from a sequence of channels
• CS or FS to start sampling/conversion
• One INT generated after FIFO is filled up to the threshold
• Host must serve INT by either 1) (FIFO read) reading out all of the FIFO contents up to the
threshold, then repeat conversions from the same selected channel or 2) writing another
command(s) to change the conversion mode. If the FIFO is not read when INT is served it is
cleared.
Extended
• Same as normal sampling except CSTART starts each sampling and conversion when CS is
high.
NOTES:
1. Programming the EOC/INT pin as the EOC signal works for mode 00 only. The other three modes automatically generate an INT
signal irrespective of how EOC/INT is programmed.
2. When using CSTART to sample in extended mode, the falling edge of the next CSTART trigger should occur no more than 2.5
µs
after the falling CS edge (or falling FS edge if FS is active) of the channel select cycle. This is to prevent an ongoing conversion from
being canceled.


Similar Part No. - TLV2548Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2548 TI-TLV2548 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548 TI1-TLV2548 Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2548 TI1-TLV2548 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLV2548Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV1504 TI-TLV1504 Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com