Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5660 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N5660
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5660 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N5660 Datasheet HTML 1Page - Semicoa Semiconductor 2N5660 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. D
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N5660
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
200
Volts
Collector-Emitter Breakdown Voltage
V(BR)CER
IC = 10 mA, RBE = 100 Ω
250
Volts
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 10 µA
6
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
VCB = 200 Volts
VCB = 250 Volts
0.1
1.0
µA
mA
Collector-Emitter Cutoff Current
ICES1
ICES2
VCE = 200 Volts
VCE = 200 Volts, TA = 150°C
0.2
100
µA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE5
IC = 50 mA, VCE = 2 Volts
IC = 500 mA, VCE = 5 Volts
IC = 1 A, VCE = 5 Volts
IC = 2 A, VCE = 5 Volts
IC = 500 mA, VCE = 5 Volts
TA = -55°C
40
40
15
5
15
120
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
IC = 1 A, IB = 100 mA
IC = 2 A, IB = 400 mA
1.2
1.5
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
IC = 1 A, IB = 100 mA
IC = 2 A, IB = 400 mA
0.4
0.8
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 5 Volts, IC = 100 mA,
f = 10 MHz
2
7
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
45
pF
Switching Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Turn-On Time
tON
IC = 500 mA, VCC = 100 Volts
250
ns
Saturated Turn-Off Time
tOFF
IC = 500 mA, VCC = 100 Volts
850
ns


Similar Part No. - 2N5660

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5660 MICROSEMI-2N5660 Datasheet
63Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
Savantic, Inc.
2N5660 SAVANTIC-2N5660 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
logo
Seme LAB
2N5660 SEME-LAB-2N5660 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
logo
Inchange Semiconductor ...
2N5660 ISC-2N5660 Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5660 NJSEMI-2N5660 Datasheet
124Kb / 1P
   NPN SWITCHING TRANSISTORS
More results

Similar Description - 2N5660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com