Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8822AEIV150Z Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8822AEIV150Z
Description  High PSRR, 250mA CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEIV150Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8822AEIV150Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 9Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 10Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 11Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 12Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 13Page - Analog Microelectronics AME8822AEIV150Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AME, Inc.
10
High PSRR, 250mA CMOS LDO
AME8822
Rev.D.05
The AME8822 is stable with an output capacitor to
ground of 1
µF or larger. Ceramic capacitors have the low-
est ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response.
A second capacitor is recommended between the in-
putandgroundtostabilizeV
IN. The input capacitor should
be at least 1
µF to have a beneficial effect.
n Detailed Description
n External Capacitors
n Enable
The Enable Pin is normally pull-high. When activated
pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the stand
by current is less than 1
µA. This pin can’t be floating.
The AME8822 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 250mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 130oC.
The AME8822 switches from voltage mode to current
mode when the load exceeds the rated output current.
This prevents over-stress.


Similar Part No. - AME8822AEIV150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822AEIV150Z AME-AME8822AEIV150Z Datasheet
232Kb / 21P
   High PSRR, 250mA CMOS LDO
More results

Similar Description - AME8822AEIV150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822 AME-AME8822_13 Datasheet
232Kb / 21P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com