Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3866A Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N3866A
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3866A Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3866A Datasheet HTML 1Page - Semicoa Semiconductor 2N3866A Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N3866A
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N3866AJ)
• JANTX level (2N3866AJX)
• JANTXV level (2N3866AJV)
• JANS level (2N3866AJS)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV and JANS
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose high frequency
• VHF-UHF amplifier transistor
• NPN silicon transistor
Features
• Hermetically sealed TO-39 metal can
• Also available in chip configuration
• Chip geometry 1008
• Reference document:
MIL-PRF-19500/398
Benefits
• Qualification Levels: JAN, JANTX,
JANTXV and JANS
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
30
Volts
Collector-Base Voltage
VCBO
60
Volts
Emitter-Base Voltage
VEBO
3.5
Volts
Collector Current, Continuous
IC
400
mA
Power Dissipation, TA = 25°C
Derate linearly above 25
°C
PT
1
5.71
W
mW/
°C
Power Dissipation, TC = 25°C
Derate linearly above 25
°C
PT
2.9
16.6
W
mW/
°C
Thermal Resistance
RθJC
60
°C/W
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to +200
°C


Similar Part No. - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
665Kb / 9P
   NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
logo
Microsemi Corporation
2N3866A MICROSEMI-2N3866A Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com