Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3501UR Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS3501UR
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501UR Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS3501UR Datasheet HTML 6Page - Maxim Integrated Products DS3501UR Datasheet HTML 7Page - Maxim Integrated Products DS3501UR Datasheet HTML 8Page - Maxim Integrated Products DS3501UR Datasheet HTML 9Page - Maxim Integrated Products DS3501UR Datasheet HTML 10Page - Maxim Integrated Products DS3501UR Datasheet HTML 11Page - Maxim Integrated Products DS3501UR Datasheet HTML 12Page - Maxim Integrated Products DS3501UR Datasheet HTML 13Page - Maxim Integrated Products DS3501UR Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
10
____________________________________________________________________
Standby Mode and ICC
The DS3501 has three specified levels of supply cur-
rent. Active current during I2C communications while in
the LUT-driven mode is specified as ICC, and is the
“worst-case” supply current. Active current without I2C
communications while in the LUT driven mode is speci-
fied as the supply current: ICC2. SDA and SCL are held
statically in the high-logic level while the DS3501 con-
tinues to function in LUT-driven mode. The third level is
specified as standby mode, ISTBY. This is the lowest
possible current consumption mode.
Standby mode is enabled with CR2.0 = 1. All internal
operations are halted including internal temperature
sensor results. Consequently, WR’s position will not
change, and will remain in the last state that was
loaded into WR. I2C will, however, continue to function,
and once CR2.0 = 0, the DS3501 will resume normal
operation after the first temperature conversion cycle is
complete (tFRAME).
Slave Address Byte and Address Pins
The slave address byte consists of a 7-bit slave
address plus a R/W bit (see Figure 2). The DS3501’s
slave address is determined by the state of the A0 and
A1 address pins. These pins allow up to four devices to
reside on the same I2C bus. Address pins tied to GND
result in a 0 in the corresponding bit position in the
slave address. Conversely, address pins tied to VCC
result in a 1 in the corresponding bit positions. For
example, the DS3501’s slave address byte is 50h when
A0 and A1 pins are grounded. I2C communication is
described in detail in the
I2C Serial Interface
Description section.
I2C Serial Interface Description
I2C Definitions
The following terminology is commonly used to describe
I2C data transfers. (See Figure 3 and
I2C AC Electrical
Characteristics table for additional information.)
Master device: The master device controls the slave
devices on the bus. The master device generates SCL
clock pulses and START and STOP conditions.
Control Register 2 (CR2)
POWER-UP DEFAULT
00h
MEMORY TYPE
Volatile
0Ah
Reserved
Reserved
Reserved
Reserved
Reserved
TEN
AEN
Standby
bit7
bit0
bit7:3
Reserved
bit2
TEN: Temperature Update Enable bar. This bit is valid only in LUT Mode and LUT Adder Mode.
0 = Normal LUT operation. The WR is automatically loaded with LUTVAL+IVR or LUTVAL following each
temperature conversion.
1 = Places the potentiometer in manual mode allowing WR (09h) to be written using I2C.
bit1
AEN: Address Update Enable bar. This bit is valid only in LUT Mode and LUT Adder Mode.
0 = Normal LUT operation. LUTAR (08h) is calculated following each temperature conversion that points to the
corresponding location in the LUT.
1 = Disables automatic updates of LUTAR. This allow the user to directly write to the LUTAR register in order to
exercise LUT values and functionality.
bit0
Standby:
0 = Normal operating mode.
1 = Standby Mode. Places the DS3501 in a low-power consumption state specified by ISTBY. The I2C interface
is still active in this state.
0
1
1
0
R/W
A0
A1
0
MSB
LSB
SLAVE ADDRESS*
*THE SLAVE ADDRESS IS DETERMINED BY ADDRESS PINS A0, A1.
Figure 2. DS3501 Slave Address Byte


Similar Part No. - DS3501UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3502U MAXIM-DS3502U Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502U++ MAXIM-DS3502U+ Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502U++ MAXIM-DS3502U+ Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
More results

Similar Description - DS3501UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
MAX31760 MAXIM-MAX31760 Datasheet
1Mb / 37P
   Precision Fan-Speed Controller with Nonvolatile Lookup Table
2019
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
   Low-Cost NV Digital POT with WiperLock??Technology
2006
logo
Maxim Integrated Produc...
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com