Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4113 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4113
Description  192KHZ 24BIT DIR WITH 6:1 SELECTOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4113 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4113_1 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4113_1 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ASAHI KASEI
[AK4113]
MS0349-E-02
2005/08
- 9 -
DC CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=2.7~3.6V;TVDD=2.7~5.5V; unless otherwise specified)
Parameter
Symbol
min
typ
max
Units
Power Supply Current
Normal operation: PDN pin = “H”
(Note 4)
Power down:
PDN pin = “L”
(Note 5)
26
10
42
100
mA
µA
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%DVDD
DVSS - 0.3
-
-
TVDD
30%DVDD
V
V
High-Level Output Voltage
(Except TX pin: Iout=-400
µA)
Low-Level Output Voltage
(Except TX and SDA pins: Iout=400
µA)
( SDA pin: Iout=
3mA)
VOH
VOL
VOL
DVDD-0.4
-
-
-
-
-
-
0.4
0.4
V
V
V
TX Output Level (Note 6)
VTXO
0.4
0.5
0.6
V
Input Leakage Current (Except RX1-6, XTI pins)
Iin
-
-
± 10
µA
Note 4. AVDD, DVDD=3.3V, TVDD=5.0V, CL=20pF, fs=216kHz, X'tal=24.576MHz, Clock Operation Mode 2, OCKS1
bit = “1”, OCKS0 bit = “1”. TX circuit = Figure 19, Master Mode; AVDD=5mA (typ), DVDD=21mA (typ),
TVDD=0.1
µA (typ).
Note 5. RX inputs are open and all digital input pins are held DVDD or DVSS.
Note 6. By using Figure 19
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=2.7~3.6V, TVDD=2.7~5.5V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Crystal Resonator
Frequency
fXTAL
11.2896
24.576
MHz
External Clock
Frequency
Duty
fECLK
dECLK
11.2896
40
50
24.576
60
MHz
%
MCKO1 Output
Frequency
Duty
fMCK1
dMCK1
1.024
40
50
27.648
60
MHz
%
MCKO2 Output
Frequency
Duty
fMCK2
dMCK2
0.512
40
50
27.648
60
MHz
%
PLL Clock Recover Frequency (RX1-6)
fpll
8
-
216
kHz
LRCK Frequency
Duty Cycle
fs
dLCK
8
45
216
55
kHz
%
Audio Interface Timing
Slave Mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 7)
BICK “
↑” to LRCK Edge
(Note 7)
LRCK to SDTO (MSB)
BICK “
↓” to SDTO
DAUX Hold Time
DAUX Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRM
tBSD
tDXH
tDXS
72
27
27
15
15
15
15
20
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
Master Mode
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO
DAUX Hold Time
DAUX Setup Time
fBCK
dBCK
tMBLR
tBSD
tDXH
tDXS
-15
15
15
64fs
50
15
15
Hz
%
ns
ns
ns
ns
Note 7. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AK4113_1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113-B AKM-AK4113-B Datasheet
330Kb / 21P
   192kHz digital audio receiver
AK4113VF AKM-AK4113VF Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
More results

Similar Description - AK4113_1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113 AKM-AK4113 Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746 Datasheet
265Kb / 31P
   24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com