Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4113VF Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4113VF
Description  192KHZ 24BIT DIR WITH 6:1 SELECTOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4113VF Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4113VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4113VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ASAHI KASEI
[AK4113]
MS0349-E-02
2005/08
- 1 -
GENERAL DESCRIPTION
The AK4113 is a 24-bit stereo digital audio receiver that supports sampling rates up to 216kHz. The
channel status bits decoder supports both consumer and professional modes. The AK4113 automatically
detects non-PCM bit streams such as Dolby Digital, MPEG etc. When combined with the multi channel
codec (AK4626 or AK4628), the two chips provide a system solution for Dolby Digital applications.
Control of AK4113 is achieved though a
µP or pin strapping (parallel mode). It is packaged in a
space-saving 30-pin VSOP.
* Dolby Digital is a trademark of Dolby Laboratories.
FEATURES
AES/EBU, IEC60958, S/PDIF, EIAJ CP1201 Compatible
Low Jitter Analog PLL
PLL Lock Range: 8k
∼ 216kHz
Clock source: PLL or X'tal
6-channel Receiver Input and 1-channel Transmission Output (Through
output)
Auxiliary Digital Input
De-emphasis for 32kHz, 44.1kHz and 48kHz
Detection Functions
- Non-PCM Bit Stream Detection
- DTS-CD Bit Stream Detection
- Sampling Frequency Detection
(8kHz, 11.025kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz,
64kHz, 88.2kHz, 96kHz, 176.4kHz and 192kHz)
- Unlock & Parity Error Detection
- Validity Detection
- DAT Start ID Detection
Up to 24bit Audio Data Format
Audio Interface: Master or Slave Mode
40-bit Channel Status Buffer
Burst Preamble bit Pc and Pd Buffer for Non-PCM bit stream
Q-subcode Buffer for CD bit stream
Serial
µP Interface: I2C (max. 400kHz) or 4-wire
Two Master Clock Outputs: 64fs/128fs/256fs/512fs
Operating Voltage: 2.7 to 3.6V with 5V Logic Tolerance
Small Package: 30pin VSOP
Ta: - 40
∼ 85°C
192kHz 24bit DIR with 6:1 Selector
AK4113


Similar Part No. - AK4113VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113VF AKM-AK4113VF Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
More results

Similar Description - AK4113VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113 AKM-AK4113 Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746 Datasheet
265Kb / 31P
   24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com