Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4140 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4140
Description  Digital BTSC Decoder
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4140 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4140 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4140 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
[AK4140]
MS0547-J-02
2009/09
- 2 -
オーダリングガイド
AK4140VF
-20
∼ +85°C
24pin VSOP
AKD4140
Evaluation Board
ピン配置
6
5
4
3
2
1
FILT
AVSS
SIF
AVDD
DVSS
DVDD
SDTO
7
SCLK
8
TST2
TST1
TSTI2
TSTI1
TSTO
PDN
INT1
INT0
Top
View
10
9
LRCK
MS
TDMIN
11
MCLK
12
CAD1
CAD0
SCL
SDA
19
20
21
22
23
24
18
17
15
16
14
13


Similar Part No. - AK4140

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
630Kb / 31P
   BTSC decoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140-B AKM-AK4140-B Datasheet
545Kb / 31P
   Evaluation Board
logo
ACCUTEK MICROCIRCUIT CO...
AK414096D ACCUTEK-AK414096D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK414096D ACCUTEK-AK414096D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4140

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
STMicroelectronics
STV82X8 STMICROELECTRONICS-STV82X8 Datasheet
2Mb / 157P
   Digital Audio Decoder / Processor for BTSC Television/Video Recorders
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
Sanyo Semicon Device
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com