Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4220 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4220
Description  7:3 Audio Switch and 6:3 Video Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4220 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4220 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4220 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
I
[AK4220]
MS0627-E-00
2007/05
- 4 -
Ordering Guide
AK4220VQ
−40 ∼ +85°C
64pin LQFP (0.5mm pitch)
AKD4220
Evaluation board for AK4220
Pin Layout
AK4220
RIN+2
49
GND3
50
LIN+3
51
RIN+3
52
GND4
53
LIN+4
54
RIN+4
55
GND5
56
LIN+5
57
RIN+5
58
GND6
59
LIN+6
60
RIN+6
61
GND7
62
LIN+7
63
64
VVSS1
32
31
VIN5
30
IICN
29
VIN4
28
VIN3
27
VVDD1
26
VIN2
25
VVSS3
24
VIN1
23
VVSS2
22
VFB2
21
VFB3
20
VOUT2
19
VOUT3
18
VVDD2
17
LIN+2
TEST
Top View


Similar Part No. - AKD4220

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4220-A AKM-AKD4220-A Datasheet
1Mb / 34P
   various 7:3 audio and 6:3 video switches.
More results

Similar Description - AKD4220

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4220-A AKM-AKD4220-A Datasheet
1Mb / 34P
   various 7:3 audio and 6:3 video switches.
logo
Sony Corporation
CXA2069Q SONY-CXA2069Q Datasheet
445Kb / 19P
   S2-Compatible 7-Input 3-Output Audio/Video Switch
logo
Asahi Kasei Microsystem...
AK4223 AKM-AK4223 Datasheet
359Kb / 27P
   6:2 Audio Switch and 6:2 Video Switch
logo
STMicroelectronics
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
   Audio/video switch and 6-channel SD video filter
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
Hitachi Semiconductor
HA118104 HITACHI-HA118104 Datasheet
686Kb / 9P
   3-circuit Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com