Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4342 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4342
Description  24-Bit Stereo DAC with HP-AMP & 2V Line-Out
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4342 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4342 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ASAHI KASEI
[AK4342]
MS0506-E-02
2006/07
- 10 -
FILTER CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD, HVDD, PVDD=2.7 ∼ 3.6V, TVDD=1.6 ∼ 3.6V; fs=44.1kHz; De-emphasis = “OFF”)
Parameter
Symbol
min
typ
max
Units
DAC Digital Filter:
Passband
±0.05dB (Note 20)
PB
0
-
20.0
kHz
−6.0dB
-
22.05
-
kHz
Stopband
(Note 20)
SB
24.1
-
-
kHz
Passband Ripple
PR
-
-
±0.02
dB
Stopband Attenuation
SA
54
-
-
dB
Group Delay
(Note 21)
GD
-
21
-
1/fs
Group Delay Distortion
∆GD
-
0
-
µs
Digital Filter + Analog Filter: (Note 22)
Frequency Response
20.0kHz (fs=44.1kHz)
FR
-
−0.5
-
dB
40.0kHz (fs=96kHz)
FR
-
−1.5
-
dB
Analog Filter: (Note 23)
Frequency Response
20.0kHz
FR
-
±1.0
-
dB
40.0kHz
FR
-
±1.0
-
dB
Note 20. The passband and stopband frequencies scale with fs.
For example, PB=0.4535*fs(@
±0.05dB), SB=0.546*fs(@−54dB).
Note 21. Delay time caused by digital filtering. This time is from setting the 16/20/24bit data of both channels to input
register to the output of analog signal.
Note 22. DAC
HPL/HPR/LOUT/ROUT/LAUX/RAUX
Note 23. LIN
HPL/LOUT/LAUX, RIN
HPR/ROUT/RAUX
DC CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD, HVDD, PVDD=2.7 ∼ 3.6V; TVDD=1.6 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
(2.7V
≤ TVDD ≤ 3.6V)
VIH
70
%TVDD
-
-
V
(1.6V
≤ TVDD < 2.7V)
VIH
80%TVDD
-
-
V
Low-Level Input Voltage
(2.7V
≤ TVDD ≤ 3.6V)
VIL
-
-
30
%TVDD
V
(1.6V
≤ TVDD < 2.7V)
VIL
-
-
20
%TVDD
V
Low-Level Output Voltage
(Iout = 3mA)
VOL
-
-
0.4
V
Input Leakage Current
(Note 24)
Iin
-
-
±10
µA
Note 24. Except I2C and CSN/CAD0 pins. These pins have internal pull-up device, nominally 100k
Ω.


Similar Part No. - AK4342

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4342 AKM-AK4342 Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
More results

Similar Description - AK4342

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
   Stereo 24-bit DAC with 2Vrms Line Out
logo
Asahi Kasei Microsystem...
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
logo
Wolfson Microelectronic...
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8501 WOLFSON-WM8501 Datasheet
267Kb / 20P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Asahi Kasei Microsystem...
AK4373 AKM-AK4373 Datasheet
1Mb / 98P
   Low Power Stereo DAC with HP/SPK-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com