Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4342EN Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4342EN
Description  24-Bit Stereo DAC with HP-AMP & 2V Line-Out
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4342EN Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4342EN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4342EN Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ASAHI KASEI
[AK4342]
MS0506-E-02
2006/07
- 6 -
ABSOLUTE MAXIMUM RATING
(AVSS, DVSS, HVSS, PVSS = 0V; Note 1)
Parameter
Symbol
min
max
Units
Analog
AVDD
−0.3
4.0
V
Digital
DVDD
−0.3
4.0
V
HP-Amp
HVDD
−0.3
4.0
V
Charge Pump
PVDD
−0.3
4.0
V
Digital I/F
TVDD
−0.3
4.0
V
|AVSS – DVSS | (Note 2)
∆GND1
0.3
V
|AVSS – HVSS | (Note 2)
∆GND2
0.3
V
Power Supplies
|AVSS – PVSS | (Note 2)
∆GND3
0.3
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage (Note 3)
AVIN
−0.3
AVDD+0.3 or 4.0
V
Digital Input Voltage (Note 4)
DVIN
−0.3
TVDD+0.3 or 4.0
V
Ambient Temperature
Ta
−30
85
°C
Storage Temperature
Tstg
−65
150
°C
Maximum Power Dissipation (Note 5)
Pd
-
700
mW
Note 1. All voltages with respect to ground.
Note 2. AVSS, DVSS, HVSS and PVSS must be connected to the same analog plane.
Note 3. LIN and RIN pins. The maximum value is low value either “AVDD+0.3V” or “4.0V”.
Note 4. MCLK, BICK, LRCK, SDATA, CAD0/CSN, SCL/CCLK, SDA/CDTI, I2C and PDN pins. The maximum value
is low value either “TVDD+0.3V” or “4.0V”.
Pull-up resistors at SDA and SCL pins should be connected to (TVDD+0.3)V or less voltage.
Note 5. In case that PCB wiring density is 100%. This power is the AK4342 internal dissipation that does not include
power of externally connected headphone.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMEND OPERATING CONDITIONS
(AVSS, DVSS, HVSS, PVSS = 0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Analog
AVDD
2.7
3.3
3.6
V
Digital
DVDD
2.7
3.3
3.6
V
HP-Amp
HVDD
2.7
3.3
3.6
V
Charge Pump
PVDD
2.7
3.3
3.6
V
Digital I/F
TVDD
1.6
1.8
DVDD
V
Power Supplies
( Note 6)
Difference
DVDD – AVDD
DVDD – HVDD
DVDD – PVDD
-0.3
-0.3
-0.3
0
0
0
0.3
0.3
0.3
V
V
V
Note 1. All voltages with respect to ground.
Note 6. Power up sequence among AVDD, DVDD, HVDD, PVDD and TVDD is not critical. But PDN pin
must keep “L” until all power supply pins are applied. After that, PDN pin should be set to “H”.
Each power supply cannot be partially powered OFF.
* AKM assumes no responsibility for usage beyond the conditions in this datasheet.


Similar Part No. - AK4342EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4342 AKM-AK4342 Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
More results

Similar Description - AK4342EN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
   Stereo 24-bit DAC with 2Vrms Line Out
logo
Asahi Kasei Microsystem...
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
logo
Wolfson Microelectronic...
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8501 WOLFSON-WM8501 Datasheet
267Kb / 20P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Asahi Kasei Microsystem...
AK4373 AKM-AK4373 Datasheet
1Mb / 98P
   Low Power Stereo DAC with HP/SPK-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com