Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4348EF Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4348EF
Description  3.3V 192kHz 24-Bit 8-Channel DAC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4348EF Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4348EF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4348EF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ASAHI KASEI
[AK4348]
MS0532-E-00
2006/07
- 5 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=3.3V; fs=44.1kHz; BICK=64fs; Signal Frequency=1kHz; 24bit Input Data;
Measurement frequency=20Hz
∼ 20kHz; R
L ≥5kΩ; unless otherwise specified)
Parameter
Min
Typ
Max
Units
Resolution
24
Bits
Dynamic Characteristics
(Note 4)
Fs=44.1kHz
BW=20kHz
0dBFS
-60dBFS
-90
-40
-80
-
dB
dB
fs=96kHz
BW=40kHz
0dBFS
-60dBFS
-86
-37
-
-
dB
dB
THD+N
fs=192kHz
BW=40kHz
0dBFS
-60dBFS
-86
-37
-
-
dB
dB
Dynamic Range
(-60dBFS with A-weighted)
(Note 5)
96
104
dB
S/N
(A-weighted)
(Note 6)
96
104
dB
Interchannel Isolation (1kHz)
80
100
dB
Interchannel Gain Mismatch
0.2
0.5
dB
DC Accuracy
Gain Drift
100
-
ppm/
°C
Output Voltage
(Note 7)
2.09
2.24
2.39
Vpp
Load Resistance
(Note 8)
5
k
Load Capacitance
25
pF
Power Supplies
Power Supply Current (AVDD+DVDD)
Normal Operation (RSTB pin = “H”, fs
≤96kHz)
Normal Operation (RSTB pin = “H”, fs=192kHz)
Reset Mode (RSTB pin = “L”)
(Note 9)
45
52
33
72
78
133
mA
mA
µA
Note 4. Measured by Audio Precision System Two. Refer to the evaluation board manual.
Note 5. 100dB when using 16bit data.
Note 6. S/N does not depend on input data resolution.
Note 7. Full scale voltage (0dB). Output voltage scales with the voltage of AVDD pin. AOUT (typ. @0dB) =
2.24Vpp
×AVDD/3.3
Note 8. For AC-load.
Note 9. P/S pin is tied to DVDD and the other all digital input pins including clock pins (MCLK, BICK, LRCK) are tied
to DVSS.


Similar Part No. - AK4348EF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340 AKM-AK4340 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340ET AKM-AK4340ET Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340ET AKM-AK4340ET Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340ET AKM-AK4340ET Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4348EF

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
   3.3V 192kHz 24-Bit 6-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
   24 BIT 192KHZ 6 CHANNEL DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com