Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4359 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4359
Description  106dB 192kHz 24-Bit 8ch DAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4359 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4359_06 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4359_06 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-02
2006/03
- 7 -
SHARP ROLL-OFF FILTER CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.5 ∼ 5.5V; fs = 44.1kHz; DEM = OFF; SLOW = “0”)
Parameter
Symbol
Min
Typ
Max
Units
Digital filter
Passband
±0.05dB (Note 10)
-6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 10)
SB
24.1
kHz
Passband Ripple
PR
± 0.02
dB
Stopband Attenuation
SA
54
dB
Group Delay
(Note 11)
GD
-
19.3
-
1/fs
Digital Filter + SCF
Frequency Response
20.0kHz
40.0kHz
80.0kHz
Fs=44.1kHz
Fs=96kHz
Fs=192kHz
FR
FR
FR
-
-
-
+ 0.06/-0.10
+ 0.06/-0.13
+ 0.06/-0.51
-
-
-
dB
dB
dB
Note 10. The passband and stopband frequencies scale with fs(system sampling rate). For example, PB=0.4535×fs
(@
±0.05dB), SB=0.546×fs.
Note 11. The calculating delay time which occurred by digital filtering. This time is from setting the 16/24bit data of both
channels to input register to the output of analog signal.
SLOW ROLL-OFF FILTER CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.5~5.5V; fs = 44.1kHz; DEM = OFF; SLOW = “1”)
Parameter
Symbol
Min
Typ
Max
Units
Digital Filter
Passband
±0.04dB
(Note 12)
-3.0dB
PB
0
-
18.2
8.1
-
kHz
kHz
Stopband
(Note 12)
SB
39.2
kHz
Passband Ripple
PR
± 0.005
dB
Stopband Attenuation
SA
72
dB
Group Delay
(Note 11)
GD
-
19.3
-
1/fs
Digital Filter + SCF
Frequency Response
20.0kHz
40.0kHz
80.0kHz
fs=44.kHz
fs=96kHz
fs=192kHz
FR
FR
FR
-
-
-
+0.1/-4.3
+0.1/-3.3
+0.1/-3.7
-
-
-
dB
dB
dB
Note 12. The passband and stopband frequencies scale with fs. For example, PB = 0.185×fs (@
±0.04dB), SB = 0.888×fs.
DC CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.5 ∼ 5.5V)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage
(Iout = -80µA)
Low-Level Output Voltage
(Iout = 80µA)
VOH
VOL
DVDD-0.4
-
-
-
0.4
V
V
Input Leakage Current
(Note 13)
Iin
-
-
± 10
µA
Note 13. P/S pin has internal pull-up device, nominally 100k
Ω.


Similar Part No. - AK4359_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4359AEF AKM-AK4359AEF Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4359AVF AKM-AK4359AVF Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4359VF AKM-AK4359VF Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
More results

Similar Description - AK4359_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com