Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4359VF Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4359VF
Description  106dB 192kHz 24-Bit 8ch DAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4359VF Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4359VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-02
2006/03
- 5 -
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
LOUT4-1, ROUT4-1
Leave open.
DZF2-1
Leave open.
SDTI4-1
SMUTE (Parallel control mode)
Connect to DVSS.
Digital
DEM0, DIF1 (Serial control mode)
Connect to DVDD or DVSS.
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
Min
Max
Units
Power Supplies
Analog
Digital
|AVSS-DVSS|
(Note 2)
AVDD
DVDD
∆GND
-0.3
-0.3
-
6.0
6.0
0.3
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
VIND
-0.3
DVDD+0.3
V
Ambient Operating Temperature
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
Note 2. AVSS and DVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
(Note 3)
Analog
Digital
AVDD
DVDD
4.5
4.5
5.0
5.0
5.5
5.5
V
V
Note 3. The power up sequence between AVDD and DVDD is not critical.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4359VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359VF AKM-AK4359VF Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
More results

Similar Description - AK4359VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com