Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4359VF Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4359VF
Description  106dB 192kHz 24-Bit 8ch DAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4359VF Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4359VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4359VF Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-02
2006/03
- 8 -
SWITCHING CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.5 ∼ 5.5V; C
L = 20pF)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency
Duty Cycle
fCLK
dCLK
2.048
40
11.2896
36.864
60
MHz
%
LRCK Frequency
Normal Mode (TDM0= “0”, TDM1= “0”)
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
8
60
120
45
48
96
192
55
kHz
kHz
kHz
%
TDM256 mode (TDM0= “1”, TDM1= “0”)
Normal Speed Mode
High time
Low time
fsn
tLRH
tLRL
8
3/256fs
3/256fs
48
kHz
ns
ns
TDM128 mode (TDM0= “1”, TDM1= “1”)
Normal Speed Mode
Double Speed Mode
High time
Low time
fsn
fsd
tLRH
tLRL
8
60
3/128fs
3/128fs
48
96
kHz
kHz
ns
ns
Audio Interface Timing
BICK Period
BICK Pulse Width Low
Pulse Width High
BICK “
↑” to LRCK Edge
(Note 14)
LRCK Edge to BICK “
↑”
(Note 14)
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
81
30
30
20
20
10
10
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing (3-wire Serial control mode):
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN High Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
40
40
150
50
50
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing (I
2C Bus mode):
SCL Clock Frequency
Bus Free Time Between Transmissions
Start Condition Hold Time (prior to first clock pulse)
Clock Low Time
Clock High Time
Setup Time for Repeated Start Condition
SDA Hold Time from SCL Falling
(Note 15)
SDA Setup Time from SCL Rising
Rise Time of Both SDA and SCL Lines
Fall Time of Both SDA and SCL Lines
Setup Time for Stop Condition
Pulse Width of Spike Noise Suppressed by Input Filter
fSCL
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA
tHD:DAT
tSU:DAT
tR
tF
tSU:STO
tSP
-
1.3
0.6
1.3
0.6
0.6
0
0.1
-
-
0.6
0
400
-
-
-
-
-
-
-
0.3
0.3
-
50
kHz
µs
µs
µs
µs
µs
µs
µs
µs
µs
µs
ns


Similar Part No. - AK4359VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359VF AKM-AK4359VF Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
More results

Similar Description - AK4359VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com