Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4348 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4348
Description  3.3V 192kHz 24-Bit 8-Channel DAC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4348 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4348 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4348 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ASAHI KASEI
[AK4348]
MS0532-E-00
2006/07
- 1 -
GENERAL DESCRIPTION
The AK4348 is an 8-channel 24bit DAC operating off of a single +3.3V power supply. The outputs are
single-ended, and it samples at rates from 8kHz to 192kHz. It uses AKM’s advanced multi-bit architecture
for the modulator to achieve a wide dynamic range while preserving linearity for improved THD+N
performance. The output circuit includes a switched-cap filter and a second-order analog low pass filter,
minimizing the need for external filtering.
FEATURES
Sampling Rate: 8kHz to 192kHz
24-Bit 8 times Digital Filter with Slow Roll-Off Option
DR, S/N: 104dB
THD+N: -90dB
High Tolerance to Clock Jitter
Single Ended Output Buffer with Second Order Analog LPF
Digital De-emphasis for 32, 44.1 & 48kHz sampling
Zero Detect Function
Channel Independent Digital Attenuator (Linear 256 steps)
3-wire Serial or I
2C Control
I/F format: MSB justified, LSB justified (16-, 20-, 24-bit), I
2S, TDM
Master clock:
256fs, 384fs, 512fs or 768fs or 1152fs (Normal Speed Mode)
128fs, 192fs, 256fs or 384fs (Double Speed Mode)
128fs or 192fs (Quad Speed Mode)
Power Supply: 2.7V to 3.6V
Ta =
−20 ∼ 85°C (EF), −40 ∼ 85°C (VF)
Package: 30-pin VSOP
AK4359 Pin Compatible
SCF
DAC
DATT
DZF
LOUT1
SCF
DAC
DATT
ROUT1
SCF
DAC
DATT
LOUT2
SCF
DAC
DATT
ROUT2
SCF
DAC
DATT
LOUT3
SCF
DAC
DATT
ROUT3
Audio
I/F
Control
Register
AK4348
MCLK
LRCK
BICK
3-wire
or I2C
SDTI1
SDTI2
SDTI3
PCM
SCF
DAC
DATT
LOUT4
SCF
DAC
DATT
ROUT4
SDTI4
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
3.3V 192kHz 24-Bit 8-Channel DAC
AK4348


Similar Part No. - AKD4348

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4340 AKM-AKD4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AKD4340 AKM-AKD4340 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AKD4340 AKM-AKD4340 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4341 AKM-AKD4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AKD4348

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
   3.3V 192kHz 24-Bit 6-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
   24 BIT 192KHZ 6 CHANNEL DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com