Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4385ET Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4385ET
Description  108dB 192kHz 24-Bit 2ch ?誇 DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4385ET Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4385ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK4385ET Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ASAHI KASEI
[AK4385]
MS0246-E-01
2006/01
- 6 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; VDD=4.75 ∼ 5.25V)
Parameter
Symbol
min
typ
max
Units
Master Clock Frequency
Duty Cycle
fCLK
dCLK
2.048
40
11.2896
36.864
60
MHz
%
LRCK Frequency
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
8
60
120
45
48
96
192
55
kHz
kHz
kHz
%
Audio Interface Timing
BICK Period
Normal Speed Mode
Double/Quad Speed Mode
BICK Pulse Width Low
Pulse Width High
BICK rising to LRCK Edge
(Note 12)
LRCK Edge to BICK rising
(Note 12)
SDTI Hold Time
SDTI Setup Time
tBCK
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
1/128fs
1/64fs
30
30
20
20
20
20
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN “H” Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
40
40
150
50
50
ns
ns
ns
ns
ns
ns
ns
ns
Reset Timing
PDN Pulse Width
(Note 13)
tPD
150
ns
Notes: 12. BICK rising edge must not occur at the same time as LRCK edge.
13. The AK4385 can be reset by bringing PDN= “L”.


Similar Part No. - AK4385ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4385 AKM-AK4385 Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385VT AKM-AK4385VT Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
More results

Similar Description - AK4385ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4385 AKM-AK4385 Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4482VT AKM-AK4482VT Datasheet
566Kb / 26P
   111dB 192kHz 24-Bit 2ch ?誇 DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com