Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4387 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4387
Description  106dB 192kHz 24-Bit 2ch ?誇 DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4387 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4387 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4387 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ASAHI KASEI
[AK4387]
MS0429-E-00
2005/09
- 11 -
LRCK
BICK
(64fs)
SDTI
03
1
2
24
31
0
1
31
0
1
23:MSB, 0:LSB
22
1
0
Don’t care
23
Lch Data
Rch Data
23
25
3
224
23
25
22
1
0
Don’t care
23
23
Figure 4. Mode 3 Timing
De-emphasis Filter
A digital de-emphasis filter is available for 32, 44.1 or 48kHz sampling rates (tc = 50/15µs) and is enabled or disabled
with DEM0 and DEM1. In case of double speed and quad speed mode, the digital de-emphasis filter is always off.
DEM1
DEM0
Mode
0
0
44.1kHz
0
1
OFF
Default
1
0
48kHz
1
1
32kHz
Table 8. De-emphasis Filter Control (Normal Speed Mode)
Output Volume
The AK4387 includes channel independent digital output volumes (ATT) with 256 levels at linear step including MUTE.
These volumes are in front of the DAC and can attenuate the input data from 0dB to –48dB and mute. When changing
levels, transitions are executed via soft changes; thus no switching noise occurs during these transitions. The transition
time of 1 level and all 256 levels is shown in Table 10.
Transition Time
Sampling Speed
1 Level
255 to 0
Normal Speed Mode
4LRCK
1020LRCK
Double Speed Mode
8LRCK
2040LRCK
Quad Speed Mode
16LRCK
4080LRCK
Table 9. ATT Transition Time


Similar Part No. - AKD4387

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
More results

Similar Description - AKD4387

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385 Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4482VT AKM-AK4482VT Datasheet
566Kb / 26P
   111dB 192kHz 24-Bit 2ch ?誇 DAC
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4359 AKM-AK4359_06 Datasheet
474Kb / 33P
   106dB 192kHz 24-Bit 8ch DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com