Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4589VQ Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4589VQ
Description  2/8-Channel Audio CODEC with DIR
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4589VQ Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4589VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK4589VQ Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
ASAHI KASEI
[AK4589]
MS0339-E-00
2004/09
- 10 -
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS, PVSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies
Analog
Digital
PLL
Output buffer
|AVSS-DVSS|
(Note 2)
|AVSS-PVSS|
(Note 2)
AVDD
DVDD
PVDD
TVDD
∆GND1
∆GND2
-0.3
-0.3
-0.3
-0.3
-
-
6.0
6.0
6.0
6.0
0.3
0.3
V
V
V
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
(LIN, RIN pins)
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
Except LRCK1-2, BICK1-2, RX0-7, CAD0-1,
TEST1-2 pins
VIND1
-0.3
DVDD+0.3
V
LRCK1-2, BICK1-2 pins
VIND2
-0.3
TVDD+0.3
V
RX0-7, CAD0-1, TEST1-2 pins
VIND3
-0.3
PVDD+0.3
V
Ambient Temperature (power applied)
Ta
-10
70
°C
Storage Temperature
Tstg
-65
150
°C
Notes:
1. All voltages with respect to ground.
2.AVSS, DVSS and PVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS, PVSS=0V; Note 3)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 4)
Analog
Digital
PLL
Output buffer
AVDD
DVDD
PVDD
TVDD
4.75
4.75
4.75
2.7
5.0
5.0
5.0
5.0
5.25
AVDD
AVDD
DVDD
V
V
V
V
Notes:
3. All voltages with respect to ground.
4. The power up sequence between AVDD, DVDD, PVDD and TVDD is not critical. To save leak current in power
down mode, AVDD, DVDD, PVDD become the same voltage as much as possible.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4589VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
More results

Similar Description - AK4589VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683_10 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
logo
Integrated Device Techn...
STAC9202 IDT-STAC9202 Datasheet
965Kb / 135P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com