Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4628AVQ Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4628AVQ
Description  High Performance Multi-channel Audio CODEC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4628AVQ Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4628AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 14Page - Asahi Kasei Microsystems AK4628AVQ Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
ASAHI KASEI
[AK4628A]
MS0385-E-00
2005/02
- 11 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=4.5∼5.5V; TVDD=2.7∼5.5V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
256fsn, 128fsd:
Pulse Width Low
Pulse Width High
384fsn, 192fsd:
Pulse Width Low
Pulse Width High
512fsn, 256fsd:
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
8.192
27
27
12.288
20
20
16.384
15
15
12.288
18.432
24.576
MHz
ns
ns
MHz
ns
ns
MHz
ns
ns
LRCK Timing
Normal mode (TDM0= “0”, TDM1= “0”)
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
32
64
120
45
48
96
192
55
kHz
kHz
kHz
%
TDM256 mode (TDM0= “1”, TDM1= “0”)
LRCK frequency
“H” time
“L” time
fsn
tLRH
tLRL
32
1/256fs
1/256fs
48
kHz
ns
ns
TDM128 mode (TDM0= “1”, TDM1= “1”)
LRCK frequency
“H” time
“L” time
fsn
tLRH
tLRL
64
1/128fs
1/128fs
96
kHz
ns
ns
Audio Interface Timing
Normal mode (TDM0= “0”, TDM1= “0”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 18)
BICK “
↑” to LRCK Edge
(Note 18)
LRCK to SDTO(MSB)
BICK “
↓” to SDTO
SDTI1-4,DAUX Hold Time
SDTI1-4,DAUX Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
tSDH
tSDS
81
32
32
20
20
20
20
40
40
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
TDM256 mode (TDM0= “1”, TDM1= “0”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 18)
BICK “
↑” to LRCK Edge
(Note 18)
BICK “
↓” to SDTO
SDTI1 Hold Time
SDTI1 Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSD
tSDH
tSDS
81
32
32
20
20
10
10
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
TDM128 mode (TDM0= “1”, TDM1= “1”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 18)
BICK “
↑” to LRCK Edge
(Note 18)
BICK “
↓” to SDTO
SDTI1-2 Hold Time
SDTI1-2 Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSD
tSDH
tSDS
81
32
32
20
20
10
10
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
Notes: 18. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AK4628AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
More results

Similar Description - AK4628AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com