Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4643 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4643
Description  Stereo CODEC with MIC/HP/RCV/SPK-AMP
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4643 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4643 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4643 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
ASAHI KASEI
[AK4643]
MS0476-E-01
2006/10
- 11 -
Parameter
min
typ
max
Units
Stereo Input: LIN2/RIN2 pins; LIN3/RIN3 pins (AIN3 bit = “1”)
Maximum Input Voltage (Note 26)
-
1.98
-
Vpp
Gain
LIN/RIN
LOUT/ROUT
LOVL bit = “0”
−4.5
0
+4.5
dB
LOVL bit = “1”
-
+2
-
dB
LIN/RIN
HPL/HPR
HPG bit = “0”
−4.5
0
+4.5
dB
HPG bit = “1”
-
+3.6
-
dB
LIN/RIN
SPP/SPN
ALC bit = “0”, SPKG1-0 bits = “00”
−6.09
−1.59
+2.91
dB
ALC bit = “0”, SPKG1-0 bits = “01”
-
+0.41
-
dB
ALC bit = “0”, SPKG1-0 bits = “10”
-
+4.63
-
dB
ALC bit = “0”, SPKG1-0 bits = “11”
-
+6.63
-
dB
ALC bit = “1”, SPKG1-0 bits = “00”
-
+0.41
-
dB
ALC bit = “1”, SPKG1-0 bits = “01”
-
+2.41
-
dB
ALC bit = “1”, SPKG1-0 bits = “10”
-
+6.63
-
dB
ALC bit = “1”, SPKG1-0 bits = “11”
-
+8.63
-
dB
Power Supplies:
Power-Up (PDN pin = “H”)
All Circuit Power-up:
AVDD+DVDD (Note 27)
-
16
24
mA
HVDD: HP-Amp Normal Operation
No Output (Note 28)
-
5
8
mA
HVDD: SPK-Amp Normal Operation
No Output (Note 29)
-
11
30
mA
Power-Down (PDN pin = “L”) (Note 30)
AVDD+DVDD+HVDD
-
10
100
µA
Note 26. Output voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ).
Note 27. PLL Master Mode (MCKI=12.288MHz) and PMADL = PMADR = PMDAC = PMLO = PMHPL = PMHPR =
PMSPK = PMVCM = PMPLL = MCKO = PMMIN = PMMP = M/S bits = “1”. MPWR pin outputs 0mA.
AVDD=12mA(typ), DVDD=4mA(typ).
EXT Slave Mode (PMPLL = M/S = MCKO bits = “0”): AVDD=11mA(typ), DVDD=3mA(typ).
Note 28. PMADL = PMADR = PMDAC = PMLO = PMHPL = PMHPR = PMVCM = PMPLL = PMMIN bits = “1” and
PMSPK bit = “0”.
Note 29. PMADL = PMADR = PMDAC = PMLO = PMSPK = PMVCM = PMPLL = PMMIN bits = “1” and PMHPL =
PMHPR bits = “0”.
Note 30. All digital input pins are fixed to DVDD or DVSS.


Similar Part No. - AKD4643

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
More results

Similar Description - AKD4643

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
AK4679EG AKM-AK4679EG Datasheet
2Mb / 220P
   24bit Stereo CODEC with DSP and MIC/RCV/HP/SPK/LINE-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com