Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4644 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4644
Description  Stereo CODEC with MIC/HP/RCV-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4644 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4644 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4644 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
ASAHI KASEI
[AK4644]
MS0477-E-01
2006/10
- 9 -
Parameter
min
typ
max
Units
Headphone-Amp Characteristics: DAC → HPL/HPR pins, ALC=OFF, IVOL=0dB, DVOL=0dB
Output Voltage (Note 15)
HPG bit = “0”, 0dBFS, HVDD=3.3V, RL=22.8Ω
1.58
1.98
2.38
Vpp
HPG bit = “1”, 0dBFS, HVDD=5V, RL=100Ω
2.40
3.00
3.60
Vpp
HPG bit = “1”, 0dBFS, HVDD=3.3V, RL=16Ω (Po=62mW)
-
1.0
-
Vrms
HPG bit = “1”, 0dBFS, HVDD=5V, RL=16Ω (Po=70mW)
-
1.06
-
Vrms
S/(N+D)
HPG bit = “0”,
−3dBFS, HVDD=3.3V, R
L=22.8Ω
60
70
-
dBFS
HPG bit = “1”,
−3dBFS, HVDD=5V, R
L=100Ω
-
80
-
dBFS
HPG bit = “1”, 0dBFS, HVDD=3.3V, RL=16Ω (Po=62mW)
-
20
-
dBFS
HPG bit = “1”, 0dBFS, HVDD=5V, RL=16Ω (Po=70mW)
-
70
-
dBFS
(Note 16)
80
90
-
dB
S/N (A-weighted)
(Note 17)
-
90
-
dB
Interchannel Isolation
(Note 16), PMAINL2/R2/L3/R3 bits = “1”
65
75
-
dB
(Note 16), PMAINL2/R2/L3/R3 bits = “0”
-
75
-
dB
(Note 17)
-
80
-
dB
(Note 16)
-
0.1
0.8
dB
Interchannel Gain Mismatch
(Note 17)
-
0.1
0.8
dB
Load Resistance
16
-
-
C1 in Figure 2
-
-
30
pF
Load Capacitance
C2 in Figure 2
-
-
300
pF
Mono Input: MIN pin (AIN3 bit = “0”; External Input Resistance=20kΩ)
Maximum Input Voltage (Note 18)
-
1.98
-
Vpp
Gain (Note 19)
MIN
LOUT/ROUT
LOVL bit = “0”
−4.5
0
+4.5
dB
LOVL bit = “1”
-
+2
-
dB
MIN
HPL/HPR
HPG bit = “0”
−24.5
−20
−15.5
dB
HPG bit = “1”
-
−16.4
-
dB
Note 15. Output voltage is proportional to AVDD voltage.
Vout = 0.6 x AVDD(typ)@HPG bit = “0”, 0.91 x AVDD(typ)@HPG bit = “1”.
Note 16. HPG bit = “0”, HVDD=3.3V, RL=22.8Ω.
Note 17. HPG bit = “1”, HVDD=5V, RL=100Ω.
Note 18. Maximum voltage is in proportion to both AVDD and external input resistance (Rin). Vin = 0.6 x AVDD x Rin
/ 20k
Ω (typ).
Note 19. The gain is in inverse proportion to external input resistance.
HPL/HPR pin
HP-Amp
47
µF
C1
16
C2
6.8
0.22
µF
10
Measurement Point
Figure 2. Headphone-Amp output circuit


Similar Part No. - AKD4644

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
More results

Similar Description - AKD4644

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com