Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4646EZ Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4646EZ
Description  Stereo CODEC with MIC/SPK-AMP
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4646EZ Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4646EZ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4646EZ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
[AK4646EZ]
MS0630-E-00
2007/06
- 5 -
PIN/FUNCTION
No. Pin Name
I/O
Function
1
MPWR
O
MIC Power Supply Pin
2
VCOM
O
Common Voltage Output Pin, 0.5 x AVDD
Bias voltage of ADC inputs and DAC outputs.
3
AVSS
-
Analog Ground Pin
4
AVDD
-
Analog Power Supply Pin
5
VCOC
O
Output Pin for Loop Filter of PLL Circuit
This pin should be connected to AVSS with one resistor and capacitor in series.
6
NC
-
No Connect Pin
No internal bonding. This pin should be connected to Ground.
7
PDN
I
Power-Down Mode Pin
“H”: Power-up, “L”: Power-down, reset and initializes the control register.
8
CSN
I
Chip Select Pin
9
CCLK
I
Control Data Clock Pin
10
CDTIO
I/O
Control Data Input and Output Pin
11
SDTI
I
Audio Serial Data Input Pin
12
SDTO
O
Audio Serial Data Output Pin
13
LRCK
I/O
Input / Output Channel Clock Pin
14
BICK
I/O
Audio Serial Data Clock Pin
15
DVDD
-
Digital Power Supply Pin
16
DVSS
-
Digital Ground Pin
17
MCKI
I
External Master Clock Input Pin
18
MCKO
O
Master Clock Output Pin
19
SPN
O
Speaker Amp Negative Output Pin
20
SPP
O
Speaker Amp Positive Output Pin
21
SVDD
-
Speaker Amp Power Supply Pin
22
SVSS
-
Speaker Amp Ground Pin
23
24
25
NC
-
No Connect Pin
No internal bonding. This pin should be connected to Ground or Open.
26
ROUT
O
Rch Stereo Line Output Pin
27
LOUT
O
Lch Stereo Line Output Pin
28
MIN
I
Mono Signal Input Pin
RIN2
I
Rch Analog Input 2 Pin
(MDIF2 bit = “0”, Single-ended Input)
29
IN2
I
Microphone Negative Input 2 Pin
(MDIF2 bit = “1”, Full-differential Input)
LIN2
I
Lch Analog Input 2 Pin
(MDIF2 bit = “0”, Single-ended Input)
30
IN2+
I
Microphone Positive Input 2 Pin
(MDIF2 bit = “1”, Full-differential Input)
LIN1
I
Lch Analog Input 1 Pin
(MDIF1 bit = “0”, Single-ended Input)
31
IN1
I
Microphone Negative Input 1 Pin
(MDIF1 bit = “1”, Full-differential Input)
RIN1
I
Rch Analog Input 1 Pin
(MDIF1 bit = “0”, Single-ended Input)
32
IN1+
I
Microphone Positive Input 1 Pin
(MDIF1 bit = “1”, Full-differential Input)
Note 2. All input pins except analog input pins (MIN, LIN1, RIN1, LIN2, RIN2) should not be left floating.


Similar Part No. - AK4646EZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646EZ AKM-AK4646EZ Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
More results

Similar Description - AK4646EZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
   Stereo CODEC with MIC/SPK-AMP
AK4646 AKM-AK4646_11 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com