Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4647VN Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4647VN
Description  Stereo CODEC with MIC/HP-AMP
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4647VN Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4647VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 13Page - Asahi Kasei Microsystems AK4647VN Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
ASAHI KASEI
[AK4647]
MS0566-E-00
2006/11
- 10 -
FILTER CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=2.6 ∼ 3.6V; HVDD=2.6 ∼ 5.25V; fs=44.1kHz; DEM=OFF; FIL1=FIL3=EQ=OFF)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband (Note 22)
±0.16dB
PB
0
-
17.3
kHz
−0.66dB
-
19.4
-
kHz
−1.1dB
-
19.9
-
kHz
−6.9dB
-
22.1
-
kHz
Stopband
SB
26.1
-
-
kHz
Passband Ripple
PR
-
-
±0.1
dB
Stopband Attenuation
SA
73
-
-
dB
Group Delay (Note 23)
GD
-
19
-
1/fs
Group Delay Distortion
ΔGD
-
0
-
μs
ADC Digital Filter (HPF): (Note 24)
Frequency Response (Note 22)
−3.0dB
FR
-
0.9
-
Hz
−0.5dB
-
2.7
-
Hz
−0.1dB
-
6.0
-
Hz
DAC Digital Filter (LPF):
Passband (Note 22)
±0.1dB
PB
0
-
19.6
kHz
−0.7dB
-
20.0
-
kHz
−6.0dB
-
22.05
-
kHz
Stopband
SB
25.2
-
-
kHz
Passband Ripple
PR
-
-
±0.01
dB
Stopband Attenuation
SA
59
-
-
dB
Group Delay (Note 23)
GD
-
22
-
1/fs
DAC Digital Filter (LPF) + SCF:
Frequency Response: 0
∼ 20.0kHz
FR
-
±1.0
-
dB
DAC Digital Filter (HPF): (Note 24)
Frequency Response (Note 22)
−3.0dB
FR
-
0.9
-
Hz
−0.5dB
-
2.7
-
Hz
−0.1dB
-
6.0
-
Hz
BOOST Filter: (Note 25)
MIN
20Hz
FR
-
5.76
-
dB
100Hz
-
2.92
-
dB
1kHz
-
0.02
-
dB
MID
20Hz
FR
-
10.80
-
dB
100Hz
-
6.84
-
dB
1kHz
-
0.13
-
dB
MAX
20Hz
FR
-
16.06
-
dB
100Hz
-
10.54
-
dB
Frequency Response
1kHz
-
0.37
-
dB
Note 22. The passband and stopband frequencies scale with fs (system sampling rate).
For example, ADC is PB=0.454*fs (@-1.0dB). Each response refers to that of 1kHz.
Note 23. The calculated delay time caused by digital filtering. This time is from the input of analog signal to setting of the
16-bit data of both channels from the input register to the output register of the ADC. This time includes the
group delay of the HPF. For the DAC, this time is from setting the 16-bit data of both channels from the input
register to the output of analog signal. Group delay of DAC part is 22/fs(typ) at PMADL=PMADR bits = “0”.
Note 24. When PMADL bit = “1” or PMADR bit = “1”, the HPF of ADC is enabled but the HPF of DAC is disabled.
When PMADL=PMADR bits = “0”, PMDAC bit = “1”, the HPF of DAC is enabled but the HPF of ADC is
disabled.
Note 25. These frequency responses scale with fs. If a high-level and low frequency signal is input, the analog output clips
to the full-scale.


Similar Part No. - AK4647VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results

Similar Description - AK4647VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com