Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4671 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4671
Description  Stereo CODEC with MIC/RCV/HP-AMP
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4671 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4671 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4671 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
[AK4671]
MS0666-E-00
2007/10
- 11 -
PMVCM = MUTEN bits = “1”, PMPLL = MCKO = PMMP = M/S = PMSRA = PMSRB = PMPCM bits = “0”.
AVDD=13.2mA (typ), PVDD=0mA (typ), DVDD=6.7mA (typ), TVDD2=0mA (typ), TVDD3=0mA (typ),
SAVDD=0.8mA (typ).
Note 26. PLL Master Mode and LP bit = “0”, fs=44.1kHz, PMADL = PMMICL= PMMICR= PMADR = PMDAL =
PMDAR = PMLO1 = PMRO1 = PMLO2 = PMRO2 = PMLO2S = PMRO2S = PMLO3 = PMRO3 =PMSAD =
PMVCM = PMPLL = M/S = PMMP = MUTEN bits = “1”, MCKO = PMSRA = PMSRB = PMPCM bits = “0”,
PLL Reference Clock = MCKI = 11.2896MHz.
AVDD=14.7mA (typ), PVDD=0mA (typ), DVDD=7.0mA (typ), TVDD2=0mA (typ), TVDD3=0mA (typ),
SAVDD=0.8mA (typ).
Note 27. In case of LP bit = “1”, fs=8kHz, EXT Slave Mode and PMVCM = PMMP = PMMICL = PMADL = PMDAR =
RCV = PMLO1 = PMRO1 = PMSRA = PMSRB = PMPCM bits = “1”.
AVDD=5.2mA (typ), PVDD=0.6mA (typ), DVDD=2.2mA (typ), TVDD2=0mA (typ), TVDD3=0mA (typ),
SAVDD=0mA (typ).
Note 28. All digital input pins are fixed to each supply pin (DVDD, TVDD2 or TVDD3) or VSS4.
SRC CHARACTERISTICS
(Ta=25
°C; AVDD=PVDD=SAVDD=DVDD=TVDD2=TVDD3=3.3V; VSS1=VSS2=VSS3=VSS4=0V;
Signal Frequency=1kHz; 16bit Data; Measurement frequency=20Hz
∼ 3.4kHz; unless otherwise specified)
Parameter
Symbol
min
typ
max
Units
SRC Characteristics (Down Sampling: SRC-A): SDTI
SRC-A
SDTOA/SDTOB
Resolution
-
-
16
Bits
Input Sample Rate
FSI (fs)
8
-
48
kHz
Output Sample Rate
FSO (fs2)
-
8
-
kHz
THD+N (Input = 1kHz,
−1dBFS, Note 29)
FSO/FSI = 8kHz/44.1kHz
-
−94
-
dB
Dynamic Range (Input = 1kHz,
−60dBFS, Note 29)
FSO/FSI = 8kHz/44.1kHz
-
97
-
dB
Ratio between Input and Output Sample Rate
FSO/FSI
1/6
1
-
SRC Characteristics (Up Sampling: SRC-B): SDTIA/SDTIB
SRC-B
SDTO
Resolution
-
-
16
Bits
Input Sample Rate
FSI (fs2)
-
8
-
kHz
Output Sample Rate
FSO (fs)
8
-
48
kHz
THD+N (Input = 1kHz,
−1dBFS, Note 29)
FSO/FSI = 44.1kHz/8kHz
-
−95
-
dB
Dynamic Range (Input = 1kHz,
−60dBFS, Note 29)
FSO/FSI = 44.1kHz/8kHz
-
100
-
dB
Ratio between Input and Output Sample Rate
FSO/FSI
1
6
-
Note 29. Measured by Audio Precision System Two Cascade.
Note 30. fs is the sampling frequency for Stereo CODEC. fs2 is for PCM I/F.


Similar Part No. - AKD4671

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4671 AKM-AKD4671 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
   stereo CODEC with built-in Microphone-Amplifier
More results

Similar Description - AKD4671

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com