Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4673 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4673
Description  Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4673 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4673 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4673 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
[AK4673]
MS0670-E-00
2007/09
- 6 -
A9
NC
-
No Connection pin
No internal bonding. This pin should be connected to ground (VSS1, VSS2 or VSS3 pin).
RIN4
I
Rch Analog Input 4 Pin (L4DIF bit = “0”: Single-ended Input)
A8
IN4
I
Negative Line Input 4 Pin (L4DIF bit = “1”: Full-differential Input)
LIN4
I
Lch Analog Input 4 Pin (L4DIF bit = “0”: Single-ended Input)
B7
IN4+
I
Positive Line Input 4 Pin (L4DIF bit = “1”: Full-differential Input)
ROUT
O
Rch Stereo Line Output Pin (LODIF bit = “0”: Single-ended Stereo Output)
A7
LON
O
Negative Line Output Pin (LODIF bit = “1”: Full-differential Mono Output)
LOUT
O
Lch Stereo Line Output Pin (LODIF bit = “0”: Single-ended Stereo Output)
A6
LOP
O
Positive Line Output Pin (LODIF bit = “1”: Full-differential Mono Output)
MIN
I
Mono Signal Input Pin (AIN3 bit = “0”: PLL is available.)
B6
LIN3
I
Lch Analog Input 3 Pin (AIN3 bit = “1”: PLL is not available.)
A5
NC
-
No Connection pin
No internal bonding. This pin should be connected to ground (VSS1, VSS2 or VSS3 pin).
RIN2
I
Rch Analog Input 2 Pin (MDIF2 bit = “0”: Single-ended Input)
B5
IN2
I
Microphone Negative Input 2 Pin (MDIF2 bit = “1”: Full-differential Input)
LIN2
I
Lch Analog Input 2 Pin (MDIF2 bit = “0”: Single-ended Input)
B4
IN2+
I
Microphone Positive Input 2 Pin (MDIF2 bit = “1”: Full-differential Input)
LIN1
I
Lch Analog Input 1 Pin (MDIF1 bit = “0”: Single-ended Input)
A3
IN1
I
Microphone Negative Input 1 Pin (MDIF1 bit = “1”: Full-differential Input)
RIN1
I
Rch Analog Input 1 Pin (MDIF1 bit = “0”: Single-ended Input)
B2
IN1+
I
Microphone Positive Input 1 Pin (MDIF1 bit = “1”: Full-differential Input)
A4
TSVDD
-
TSC Power Supply Pin, 2.5 ~ 3.6V. This pin should be connected to TVDD1 pin.
B3
NC
-
No Connection pin
No internal bonding. This pin should be connected to ground (VSS1, VSS2 or VSS3 pin).
D1
XP
I/O
Touch Screen X+ plate Voltage supply
X axis Measurement: Supplies the voltage to X+ position input of the touch panel.
Y axis Measurement: This pin is used as the input for the A/D converter
Pen Pressure Measurement: This pin is the input for the A/D converter at Z1 measurement.
Pen Waiting State: Pulled up by an internal resistor (typ.10K ohm).
E1
YP
I/O
Touch Screen Y+ plate Voltage supply
X axis Measurement: This pin is used as the input for the A/D converter
Y axis Measurement: Supplies the voltage to Y+ position input of the touch panel
Pen Pressure Measurement: Supplies the voltage to Y+ position input of the touch panel.
Pen Waiting State: OPEN state
F1
XN
I/O
Touch Screen X- plate Voltage supply
X axis Measurement: Supplies the voltage to X- position input of the touch panel
Y axis Measurement: OPEN state
Pen Pressure Measurement: Supplies the voltage to X- position input of the touch panel
Pen Waiting State: OPEN state
G1
YN
I/O
Touch Screen Y- plate Voltage supply
X axis Measurement: OPEN state
Y axis Measurement: Supplies the voltage to Y- position input of the touch panel
Pen Pressure Measurement: This pin is the input for the A/D converter at Z2 measurement.
Pen Waiting State: connected to VSS3.
J5
VSS3
-
Ground 3 Pin
F8
PENIRQN
O
Pen Interrupt Output
This pin is “L” during the pen down on pen interrupt enabled state otherwise this pin is
“H”. This pin is “L” during the pen interrupt disabled regardless pen touch.
F9
CADT
I
TSC block I
2C bus Slave Address(CADT) bit Select Pin
E8
SDAT
I/O
TSC block I
2C serial data.
E9
SCLT
I
TSC block I
2C serial clock.
C3
NC
-
No Connection pin
No internal bonding. This pin should be connected to ground (VSS1, VSS2 or VSS3 pin).
Note 1. All input pins except analog input pins (MIN/LIN3, LIN1, RIN1, LIN2, RIN2, RIN3, RIN4, LIN4, XP, YP, XN
and YN) should not be left floating.


Similar Part No. - AKD4673

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4673-A AKM-AKD4673-A Datasheet
1Mb / 48P
   stereo CODEC with built-in MIC/HP amplifier and TSC
More results

Similar Description - AKD4673

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com