Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1210D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH1210D
Description  Ultrafast recovery - high voltage diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1210D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH1210D Datasheet HTML 3Page - STMicroelectronics STTH1210D Datasheet HTML 4Page - STMicroelectronics STTH1210D Datasheet HTML 5Page - STMicroelectronics STTH1210D Datasheet HTML 6Page - STMicroelectronics STTH1210D Datasheet HTML 7Page - STMicroelectronics STTH1210D Datasheet HTML 8Page - STMicroelectronics STTH1210D Datasheet HTML 9Page - STMicroelectronics STTH1210D Datasheet HTML 10Page - STMicroelectronics STTH1210D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STTH1210
Package information
9/11
Figure 14.
D2PAK footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 8.
D2PAK dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - STTH1210D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
   Automotive ultrafast recovery - high voltage diode
More results

Similar Description - STTH1210D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
   Ultrafast recovery - high voltage diode
logo
Inchange Semiconductor ...
STTH6110TV2 ISC-STTH6110TV2 Datasheet
545Kb / 3P
   Ultrafast recovery - high voltage diode
logo
STMicroelectronics
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
   Ultrafast recovery - high voltage diode
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
   Ultrafast recovery - high voltage diode
STTH3010 STMICROELECTRONICS-STTH3010 Datasheet
148Kb / 10P
   Ultrafast recovery - high voltage diode
STTH810 STMICROELECTRONICS-STTH810 Datasheet
193Kb / 11P
   Ultrafast recovery - high voltage diode
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
   Automotive ultrafast recovery - high voltage diode
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
   Automotive ultrafast recovery - high voltage diode
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
   Automotive ultrafast recovery - high voltage diode
STTH30R02DJF STMICROELECTRONICS-STTH30R02DJF Datasheet
181Kb / 9P
   Ultrafast recovery diode high efficiency
March 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com