Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC3010DWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74TVC3010DWRG4
Description  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74TVC3010DWRG4 Datasheet HTML 7Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 8Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 9Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 10Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 11Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 12Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 13Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 14Page - Texas Instruments SN74TVC3010DWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74TVC3010DBQR
ACTIVE
SSOP/
QSOP
DBQ
24
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SN74TVC3010DBQRE4
ACTIVE
SSOP/
QSOP
DBQ
24
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SN74TVC3010DBQRG4
ACTIVE
SSOP/
QSOP
DBQ
24
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SN74TVC3010DGVR
ACTIVE
TVSOP
DGV
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DGVRE4
ACTIVE
TVSOP
DGV
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DGVRG4
ACTIVE
TVSOP
DGV
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DW
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DWE4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DWG4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DWR
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DWRE4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010DWRG4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010PW
ACTIVE
TSSOP
PW
24
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010PWE4
ACTIVE
TSSOP
PW
24
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010PWG4
ACTIVE
TSSOP
PW
24
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010PWR
ACTIVE
TSSOP
PW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010PWRE4
ACTIVE
TSSOP
PW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74TVC3010PWRG4
ACTIVE
TSSOP
PW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
PACKAGE OPTION ADDENDUM
www.ti.com
24-May-2007
Addendum-Page 1


Similar Part No. - SN74TVC3010DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3010DWR TI1-SN74TVC3010DWR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC3010DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com